Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC8803XXT1NG1 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC8803XXT1NG1
Description  4- Low 300mA Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8803XXT1NG1 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC8803XXT1NG1 Datasheet HTML 1Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 2Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 3Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 4Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 5Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 6Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 7Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 8Page - E-CMOS Corporation EC8803XXT1NG1 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EC8803
4- Low 300mA Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 16
5F15N Rev. F001
Electrical Characteristics
(TA=25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.2
7.0
V
VOUT
Output Voltage
VIN=VOUT+0.8V, IOUT=1mA, VIN≧2.5V
-2%
VOUT
+2%
V
VIN=VOUT+0.8V, IOUT=1mA, VIN≧2.5V
-1%
+1%
IMAX
Maximum Load Current
VOUT+0.8V≦VIN≦7.0V
300
mA
ILIMIT
Current Limit
0.5
A
ISC
Short Circuit Current
VOUT=0V, VIN>VOUT+0.8V
150
mA
IQ
Ground Pin Current
ILOAD=0mA to 300mA,
VIN=VOUT+0.8V
15
30
µA
VDROP
Dropout Voltage
IOUT=100mA, VIN≧2.5V
125
140
mV
IOUT=200mA, VIN≧2.5V
250
280
IOUT=300mA, VIN≧2.5V
550
650
∆VLINE
Line Regulation
VOUT+0.8V<VIN<7.0V, ILOAD=1mA
0.2
0.3
%/V
∆VLOAD
Load Regulation
IOUT=0mA to 300mA,
0.01
0.02
%/mA
PSRR
Ripple Rejection
f=1KHz, COUT=1uF, IOUT=30mA
50
dB
TSD
Thermal Shutdown
Temperature
150
°C
THYS
Thermal Shutdown
Hysteresis
20
°C


Similar Part No. - EC8803XXT1NG1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8806 E-CMOS-EC8806 Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
EC8806VVB2R E-CMOS-EC8806VVB2R Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
EC8806VVC5R E-CMOS-EC8806VVC5R Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
More results

Similar Description - EC8803XXT1NG1

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com