Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC8803XXB1GG2 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC8803XXB1GG2
Description  4- Low 300mA Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8803XXB1GG2 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC8803XXB1GG2 Datasheet HTML 1Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 2Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 3Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 4Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 5Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 6Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 7Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 8Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EC8803
4- Low 300mA Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 16
5F15N Rev. F001
Absolute Maximum Rating
Parameter
Symbol
Value
Units
Input Voltage VIN to GND
VIN
7.0
V
Output Current Limit, ILIMIT
IOUT
500
mA
Junction Temperature
TJ
+155
°C
Thermal Resistance
SOT23
θ
JA
280
°C/ W
TSOT23
280
°C/ W
SOT89
180
°C/ W
TO-92
160
°C/ W
Power Dissipation
SOT23
P
D
350
mW
TSOT23
350
mW
SOT-89
550
mW
TO-92
550
mW
Storage Temperature
T
STG
-55 to+150
°C
Operating Ambient Temperature
T
OPR
-40 to+125
°C
Lead Temperature (Soldering, 10sec)
+260
°C
Moisture Sensitivity Level
MSL
3
--
Note:
*Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond those
indicated under
“recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
* The power dissipation of UFN-6 would be 500 mW normally with the 0.5X0.5 square inches cooper area connected to
the bottom pad. However, it could be up to 1000mW with larger cooper area.


Similar Part No. - EC8803XXB1GG2

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8806 E-CMOS-EC8806 Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
EC8806VVB2R E-CMOS-EC8806VVB2R Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
EC8806VVC5R E-CMOS-EC8806VVC5R Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
More results

Similar Description - EC8803XXB1GG2

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com