Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC8811 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC8811
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8811 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC8811 Datasheet HTML 7Page - E-CMOS Corporation EC8811 Datasheet HTML 8Page - E-CMOS Corporation EC8811 Datasheet HTML 9Page - E-CMOS Corporation EC8811 Datasheet HTML 10Page - E-CMOS Corporation EC8811 Datasheet HTML 11Page - E-CMOS Corporation EC8811 Datasheet HTML 12Page - E-CMOS Corporation EC8811 Datasheet HTML 13Page - E-CMOS Corporation EC8811 Datasheet HTML 14Page - E-CMOS Corporation EC8811 Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EC8811
1A Adjustable & Fixed Voltage LDO Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page: 11/16
4H15N-Rev. F001
(9) Power Supply Rejection Ratio
Application Note
Table 1.
θJA Different Heatsink Area
Layout
Copper Area
Thermal Resistance
Top Side (in
2)
Bottom Side (in
2)
SOT-223 (
θJA, ℃/W)
TO-252 (
θJA, ℃/W)
a
0
0
140
106
b
0
0.070
127
91
c
0
0.310
84
64
d
0.067
0.067
125
89
e
0.200
0.080
118
87
f
0.600
0.080
89
63
g
0.285
0.285
92
64
h
0.393
0.393
78
58
i
0.500
0.500
73
55


Similar Part No. - EC8811

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
EC881212A4GR E-CMOS-EC881212A4GR Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
EC881212A4TR E-CMOS-EC881212A4TR Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
EC881215A4GR E-CMOS-EC881215A4GR Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
EC881215A4TR E-CMOS-EC881215A4TR Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
More results

Similar Description - EC8811

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
List of Unclassifed Man...
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com