Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMB208 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IMB208
Description  ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IMB208 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IMB208_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
202
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
PCI 1~3
PCIe x1
PCIe x4
PCIe x16
PCIe x1
Audio
DVI-I+COM 1
PS/2
K/B+M/S
DDR3
ATX power input
SATA-600 1~2
SATA-300 3~4
CFast
USB 2.0 1~8
COM 2~4
Ethernet 1/2
DisplayPort 2+USB 3.0 3/4
DisplayPort 1+USB 3.0 1/2
Side view
I/O
Ordering Information
Packing List
Core System
MIO
1 x PS/2 keyboard & mouse
3 x RS-232 (COM 2/3/4)
1 x RS-232/422/485 (COM 1)
SATA
2 x SATA-600
3 x SATA-300 with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/system temperature, voltage and support Smart
Fan Control
Ethernet
1st port as 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM, iAMT with Intel® 82579LM
2nd port as 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® 82574L
Audio
HD Codec audio as MIC-in/Line-in/Line-out
with Realtek ALC662 speaker-out with 1W/8ohm x 2
USB
4 x USB 3.0
8 x USB 2.0
TPM
Infineon SLB9635 for trusted platform
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels (4-IN & 4-OUT)
Standard
IMB208
(P/N: E38F208100)
ATX industrial motherboard with LGA1155 socket 3rd gen
Intel® Xeon® E3-V2, Core™ i7/i5/i3 & Celeron® USB 3.0,
2 GbE LANs, DisplayPort/DVI-I (VGA) and CFast™
User's manual/utility CD, cable
CPU
LGA1155 socket 3rd generation Intel® Xeon® E3-V2,
Core™ i7/i5/i3 & Celeron® processor (Ivy Bridge)
System Memory
4 x 240-pin DDR3-1333/1600 DIMM, up to 32GB
Chipset
Intel® C216
BIOS
AMI UEFI BIOS with OA 3.0 built
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 Gen. 3 (slot 2)
1 x PCIe x4 Gen. 2
2 x PCIe x1 Gen. 2
3 x PCI
Battery
Lithium 3 V/220 mAH
Power Requirements
E3-1275V2 3.5 GHz DDR3, 8GB 1600 x 1
+5v@2.8A, +12V@9.3A, -12V@0.4A, +5VSB@0.4A,
+3.3V@2.1A
Size
305 x 244 mm
Board Thickness
1.6 mm
Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Display
Display Chipset
Intel® HD 4000/2500 graphics
Memory Size
Max. 1.7GB
Display Interface
2 x DisplayPort
1 x DVI-I
USB 3.0
USB
USB
DDR3
DDR3
DDR3
CFastTM
Full Solid
Cap Design
IMB208
ATX Industrial Motherboard with LGA1155 Socket Intel® Core™ Processor,
Intel® C216, USB 3.0, DisplayPort/DVI-I (VGA), Dual LANs and CFast™
Features
LGA1155 socket 3rd gen Intel® Xeon® E3-V2, Core™
i7/i5/i3 & Celeron® processor (Ivy Bridge)
4 DDR3-1333/1600 DIMM, up to 32GB
2 DisplayPort and 1 DVI-I (VGA) with triple-view supported
PCIe Gen. 3 supported
2 SATA-600, 3 SATA-300 with RAID 0/1/5/10
4 USB 3.0 ports
TPM 1.2 supported
Intel® AMT 8.0 supported


Similar Part No. - IMB208_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208_14 Datasheet
290Kb / 2P
   PCIe Gen. 3 supported
IMB208 AXIOMTEK-IMB208_16 Datasheet
240Kb / 1P
   Triple view display: DisplayPort /DVI-I
More results

Similar Description - IMB208_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB204 AXIOMTEK-IMB204_17 Datasheet
272Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
IMB207 AXIOMTEK-IMB207_17 Datasheet
239Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
logo
Adlink Technology Inc.
IMB-M43H ADLINK-IMB-M43H Datasheet
242Kb / 2P
   Industrial ATX Motherboard with Gen Intel Core Processor
logo
Axiomtek Co., Ltd.
IMB211 AXIOMTEK-IMB211_17 Datasheet
295Kb / 1P
   ATX Industrial Motherboard with LGA1150 Socket 4th Gen Intel Core Processor
IMB501 AXIOMTEK-IMB501_17 Datasheet
304Kb / 1P
   ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
IMB502 AXIOMTEK-IMB502 Datasheet
406Kb / 1P
   ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
logo
Adlink Technology Inc.
IMB-M42H ADLINK-IMB-M42H Datasheet
540Kb / 1P
   Industrial ATX Motherboard with 4th Gen Intel Core Pentium Processor
IMB-M45H ADLINK-IMB-M45H Datasheet
761Kb / 2P
   Industrial ATX Motherboard Intel Core i7/i5/i3 Processor
logo
Axiomtek Co., Ltd.
IMB523 AXIOMTEK-IMB523 Datasheet
405Kb / 1P
   ATX Industrial Motherboard with LGA1151 Socket 8th Gen Intel짰 Core??Processor
IMB500 AXIOMTEK-IMB500_17 Datasheet
272Kb / 1P
   ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel짰 Core Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com