Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10L100CT-T Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MBR10L100CT-T
Description  10A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBR10L100CT-T Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MBR10L100CT-T Datasheet HTML 1Page - Chip Integration Technology Corporation MBR10L100CT-T Datasheet HTML 2Page - Chip Integration Technology Corporation MBR10L100CT-T Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Document ID : DS-11KHY
Revised Date : 2016/08/15
Revision : C1
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
■ Outline
10A Trench Schottky Rectifier
I
O
T
S T G
Forward rectified current (total device)
Typical Thermal resistance (per leg)
Storage temperature
Parameter
Conditions
Symbol
MBR10L100CT-T
UNIT
-55 ~ +150
10
A
O C/W
O C
R
θ J C
Junction to case
2
Working peak reverse voltage
V
RW M
100
V
MBR10L100CT-T
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
ØP
B
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
ØP
B
J
L
C
D
E
F
G
H
I
K
M
N
C
Dimensions in inches and (millimeters)
Chip Integration Technology Corporation
Main Product Characteristics
I
F ( AV )
5 X 2A
V
R R M
T
J
V
F ( Ty p )
100V
O
-55 to +150 C
0.56V
Peak Forward surge current
I
F S M
150
Peak repetitive reverse surge current
2us-1Khz
I
R R M
1
Instantaneous Forward voltage drop
(per diode)
Instantaneous Reverse current
(per diode)
Parameter
V
F
I
R
V = 100V
R
Conditions
Symbol
TYP.
UNIT
25
mV
mA
MIN.
MAX.
O
I = 3A, T = 25 C
F
J
O
I = 5A, T = 25 C
F
J
670
630
550
O
I = 5A, T = 125 C
F
J
560
uA
50
3
3
V = 100V
R
■ Features
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
O
T = 25 C
J
Circuit Diagram
Junction to ambient
R
θ J A
50
O C
-55 ~ +150
T
J
Operating Junction temperature
O
T = 125 C
J
O C/W
V
B R
Reverse Breakdown Voltage (per diode)
O
I = 0.1mA, T = 25 C
R
J
100
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)


Similar Part No. - MBR10L100CT-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR10L100CT TSC-MBR10L100CT Datasheet
127Kb / 2P
   10.0AMPS Low VF Schottky Barrier Rectifiers
MBR10L100CT TSC-MBR10L100CT Datasheet
204Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Inchange Semiconductor ...
MBR10L100CT ISC-MBR10L100CT Datasheet
291Kb / 2P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
MBR10L100CT SUNMATE-MBR10L100CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR10L100CTH_FCTH SIRECT-MBR10L100CTH_FCTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 100Volt
More results

Similar Description - MBR10L100CT-T

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF10S100CT CITC-CF10S100CT Datasheet
475Kb / 3P
   10A Trench Schottky Rectifier
MBRF10L45CT-T CITC-MBRF10L45CT-T Datasheet
518Kb / 3P
   10A Trench Schottky Rectifier
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
   10A Trench Schottky Rectifier
CF10L100CT CITC-CF10L100CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
   10A Trench Schottky Rectifier
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
   10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10100CT DIODES-SDT10100CT Datasheet
773Kb / 6P
   10A TRENCH SCHOTTKY RECTIFIER
February 2022 Rev. 4 - 2
logo
Chip Integration Techno...
C10S100CT CITC-C10S100CT Datasheet
474Kb / 3P
   10A Trench Schottky Rectifier
C10U60CT CITC-C10U60CT Datasheet
483Kb / 3P
   10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10A100CT DIODES-SDT10A100CT Datasheet
700Kb / 6P
   10A TRENCH SCHOTTKY RECTIFIER
March 2022
logo
Chip Integration Techno...
CF10L45CT CITC-CF10L45CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com