Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SESD5Z3.3T1G Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SESD5Z3.3T1G
Description  TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SESD5Z3.3T1G Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  SESD5Z3.3T1G Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SESD5Z3.3T1G Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SESD5Z3.3T1G Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SESD5Z3.3T1G Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SESD5Z3.3T1G Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Date:2014/10/20
Page: 1 of 5
Rev.:AA
SOD-523
VOLTAGE
2.5 THRU 12Volts
200W
POWER DISSIPATION
Unit:(mm)
Production
Data Sheet
1
2
Cathode
Anode
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
SESD5Z SERIES
TRANSIENT VOLTAGE SUPPERSSOR FOR ESD PROTECTION
>Small Body Outline Dimensions
>Low Body Height
>Stand−off Voltage: 2.5V−12V
>Peak Power up to 200 Watts@8x20us Pulse
>Low Leakage
>Response Time is Typically<1 ns
>ESD Rating of Class 3 (>16KV) per Human Body Model
>IEC61000−4−2 Level 4 ESD Protection
>IEC61000−4−4 Level 4 EFT Protection
>We declare that the material of product compliance with RoHS requirements
FEATURES
APPLICATIONS
The SESD5Z Series is designed to protect voltage sensitive components from ESD and transient voltage events.
Excellent clamping capability , low leakage , and fast response time , make these parts ideal for ESD protection
on designs where board space is at a premium
0.20 MIN.
0.035(0.90)
0.028(0.70)
0.014(0.35)
0.009(0.25)
0.008(0.20)
0.003(0.07)
0.028(0.70)
0.020(0.50)
0.067(1.70)
0.059(1.50)
0.051(1.30)
0.043(1.10)
DESCRIPTION
>Cellular phones
>Portable devices
>Digital cameras
>Power supplies
IEC COMPATIBILITY
>IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
>IEC61000-4-4 (EFT) 40A (5/50ns)
Maximum Ratings
PARAMETER
SYMBOL
VALUE
Wa s
Maximum lead temperature for soldering during 10s
°C
Maximum junc on temperature
°C
Storage Temperature Range
°C
UNIT
200
260
150
-
~
55 150
PPP
TL
TJ
TSTG
Peak Pulse Power (tp=8/20μs waveform)
PART
NUMBER
DEVICE
MARKING
VRWM
(V)
Max.
VBR
(V)
Min.
IT
(mA)
VC
@5A
VC
IR
(uA)
Max.
CT
(pF)
Typ.
Max.
@A
ZD
2.5
4.0
1
6 5
.
10.9
11.0
6.0
145
Typ.
SESD5Z2.5T1G
ZE
3.3
5.0
1
8 4
.
14.1
11.2
1.0
105
SESD5Z3.3T1G
ZF
5.0
6.2
1
11 6
.
18.6
9.4
1.0
80
SESD5Z5.0T1G
ZG
6.0
6.8
1
12 4
.
20.5
8.8
1.0
70
SESD5Z6.0T1G
ZH
7.0
7.5
1
13 5
.
22.7
8.8
1.0
65
SESD5Z7.0T1G
ZM
12.0
13.5
1
17 0
.
25.0
9.6
1.0
55
SESD5Z12T1G
Electrical Characteristcs


Similar Part No. - SESD5Z3.3T1G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SESD5Z DIOTECH-SESD5Z Datasheet
886Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
logo
WILLAS ELECTRONIC CORP
SESD5Z5C WILLAS-SESD5Z5C Datasheet
301Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESD5Z5CL WILLAS-SESD5Z5CL Datasheet
373Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESD5ZXXV WILLAS-SESD5ZXXV Datasheet
368Kb / 3P
   T ransient Voltage Suppressors for ESD Protection
More results

Similar Description - SESD5Z3.3T1G

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Shenzhen Luguang Electr...
15KP12 LUGUANG-15KP12 Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
AiT Semiconductor Inc.
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com