Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBPW34FAS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VBPW34FAS
Description  Silicon PIN Photodiode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBPW34FAS Datasheet(HTML) 3 Page - Vishay Siliconix

  VBPW34FAS Datasheet HTML 1Page - Vishay Siliconix VBPW34FAS Datasheet HTML 2Page - Vishay Siliconix VBPW34FAS Datasheet HTML 3Page - Vishay Siliconix VBPW34FAS Datasheet HTML 4Page - Vishay Siliconix VBPW34FAS Datasheet HTML 5Page - Vishay Siliconix VBPW34FAS Datasheet HTML 6Page - Vishay Siliconix VBPW34FAS Datasheet HTML 7Page - Vishay Siliconix VBPW34FAS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VBPW34FAS, VBPW34FASR
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 24-Aug-11
3
Document Number: 81127
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Reverse Light Current vs. Irradiance
Fig. 4 - Reverse Light Current vs. Reverse Voltage
Fig. 5 - Diode Capacitance vs. Reverse Voltage
Fig. 6 - Relative Spectral Sensitivity vs. Wavelength
Fig. 7 - Relative Radiant Sensitivity vs. Angular Displacement
0.01
0.1
1
0.1
1
10
100
1000
E
e - Irradiance (mW/cm
2
)
10
12787
V
R = 5 V
λ = 950 nm
0.1
1
10
1
10
100
V
R - Reverse Voltage (V)
100
12788
1mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
= 950 nm
λ
0
20
40
60
80
948407
E = 0
f = 1 MHz
VR - Reverse Voltage (V)
0.1
100
110
21743
λ - Wavelength (nm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
600
700
800
900
1000
1100
0.4
0.2
0
94 8406
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - VBPW34FAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBPW34FAS VISHAY-VBPW34FAS Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.1, 20-Apr-10
VBPW34FAS VISHAY-VBPW34FAS Datasheet
161Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VBPW34FAS VISHAY-VBPW34FAS Datasheet
161Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VBPW34FAS VISHAY-VBPW34FAS Datasheet
161Kb / 8P
   Silicon PIN Photodiode
01-Jan-2023
VBPW34FASR VISHAY-VBPW34FASR Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.1, 20-Apr-10
More results

Similar Description - VBPW34FAS

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com