Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEPT4400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TEPT4400
Description  Ambient Light Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEPT4400 Datasheet(HTML) 2 Page - Vishay Siliconix

  TEPT4400 Datasheet HTML 1Page - Vishay Siliconix TEPT4400 Datasheet HTML 2Page - Vishay Siliconix TEPT4400 Datasheet HTML 3Page - Vishay Siliconix TEPT4400 Datasheet HTML 4Page - Vishay Siliconix TEPT4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TEPT4400
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 30-Jun-16
2
Document Number: 81341
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
• Each 5000 piece bag will contain a single group. The label on the bag will indicate which binned group is in the bag. A specific group cannot
be ordered. Production shipments containing multiple bags will likely include multiple groups. Please design accordingly.
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
21337
R
thJA = 300 K/W
T
amb - Ambient Temperature (°C)
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
IC = 0.1 mA
VCEO
6-
-
V
Collector dark current
VCE = 5 V, E = 0
ICEO
-
3
50
nA
Collector emitter capacitance
VCE = 0 V, f = 1 MHz, E = 0
CCEO
-16
pF
Collector light current
Ev = 20 lx, CIE illuminant A,
VCE = 5 V
IPCE
15
-
70
μA
Ev = 100 lx, CIE illuminant A,
VCE = 5 V
IPCE
-
200
-
μA
Angle of half sensitivity
ϕ
-± 30
-
deg
Wavelength of peak sensitivity
λp
-
570
-
nm
Range of spectral bandwidth
λ0.5
-
440 to 800
-
nm
Collector emitter saturation voltage
Ev = 20 lx, CIE illuminant A,
IPCE = 1.2 μA
VCEsat
-0.1
-
V
TYPE DEDICATED CHARACTERISTICS
PARAMETER
TEST CONDITION
BINNED GROUP
SYMBOL
MIN.
MAX.
UNIT
Photo current
EV = 20 lx,
CIE illuminant A,
VCE = 5 V, Tamb = 25 °C
AIPCE
15
28.4
μA
BIPCE
23.5
44.6
μA
CIPCE
36.9
70
μA


Similar Part No. - TEPT4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEPT4400 VISHAY-TEPT4400 Datasheet
121Kb / 6P
   Ambient Light Sensor
Rev. 1.1, 03-Jul-06
TEPT4400 VISHAY-TEPT4400 Datasheet
113Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.2, 08-Sep-08
TEPT4400 VISHAY-TEPT4400 Datasheet
106Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.4, 18-Jun-10
TEPT4400 VISHAY-TEPT4400 Datasheet
106Kb / 5P
   Ambient Light Sensor
01-Jan-2021
TEPT4400 VISHAY-TEPT4400 Datasheet
106Kb / 5P
   Ambient Light Sensor
01-Jan-2023
More results

Similar Description - TEPT4400

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com