Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEMT6200FX01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TEMT6200FX01
Description  Ambient Light Sensor in 0805 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEMT6200FX01 Datasheet(HTML) 2 Page - Vishay Siliconix

  TEMT6200FX01 Datasheet HTML 1Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 2Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 3Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 4Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 5Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 6Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 7Page - Vishay Siliconix TEMT6200FX01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TEMT6200FX01
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Jun-14
2
Document Number: 81317
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
• Each 3000 piece packing unit will contain a single group. The label on the bag will indicate which binned group is in the bag. A specific group
cannot be ordered. Production shipments containing multiple bags will likely include multiple groups. Please design accordingly.
020
40
60
80
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)
100
94 8308
R
thJA = 450 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
IC = 0.1 mA
VCEO
6V
Collector dark current
VCE = 5 V, E = 0 lx
ICEO
350
nA
Collector emitter capacitance
VCE = 0 V, f = 1 MHz, E = 0 lx
CCEO
16
pF
Photo current
EV = 20 lx, CIE illuminant A, VCE = 5 V
IPCE
4.6
μA
EV = 100 lx, CIE illuminant A, VCE = 5 V
IPCE
7.5
23
39
μA
Temperature coefficient of IPCE
CIE illuminant A
TKIPCE
1.18
%/K
LED, white
TKIPCE
0.9
%/K
Angle of half sensitivity
ϕ
± 60
deg
Wavelength of peak sensitivity
λp
550
nm
Range of spectral bandwidth
λ0.5
450 to 610
nm
Collector emitter saturation voltage
EV = 20 lx, 0.45 μA
VCEsat
0.1
V
TYPE DEDICATED CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
BINNED
GROUP
SYMBOL
MIN.
MAX.
UNIT
Photo current
EV = 100 lx,
CIE illuminant A,
VCEtz51 = 5 V
AIPCE
7.5
15
μA
BIPCE
12
24
μA
CIPCE
19.5
39
μA


Similar Part No. - TEMT6200FX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
162Kb / 8P
   Ambient Light Sensor in 0805 Package, RoHS Compliant, Released for Lead (Pb)-free Solder Process, AEC-Q101 Released
Rev. 1.3, 29-Aug-07
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
178Kb / 8P
   Ambient Light Sensor in 0805 Package, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released
Rev. 1.5, 30-Oct-08
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
164Kb / 8P
   Ambient Light Sensor in 0805 Package
Rev. 1.9, 25-Jun-14
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
165Kb / 8P
   Ambient Light Sensor in 0805 Package
01-Jan-2022
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
166Kb / 8P
   Ambient Light Sensor in 0805 Package
01-Jan-2023
More results

Similar Description - TEMT6200FX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6200FX01 VISHAY-TEMT6200FX01_V02 Datasheet
166Kb / 8P
   Ambient Light Sensor in 0805 Package
01-Jan-2023
TEMT6200F VISHAY-TEMT6200F Datasheet
164Kb / 8P
   Ambient Light Sensor in 0805 Package
Rev. 1.9, 25-Jun-14
TEMT6200 VISHAY-TEMT6200 Datasheet
168Kb / 8P
   Ambient Light Sensor in 0805 Package
Rev. 1.9, 25-Jun-14
TEMT6200FX01 VISHAY-TEMT6200FX01_V01 Datasheet
165Kb / 8P
   Ambient Light Sensor in 0805 Package
01-Jan-2022
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com