Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14DCKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14DCKT
Description  LOW POWER SINGLE SCHMITT TRIGGER INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14DCKT Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G14DCKT Datasheet HTML 1Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN74AUP1G14
LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SCES578 – JUNE 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
Ci
VI = VCC or GND
0 V
1.5
pF
Ci
VI = VCC or GND
3.6 V
1.5
pF
Co
VO = GND
0 V
2.5
pF
switching characteristics over recommended operating free-air temperature range, CL = 5 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
16.3
1.2 V
± 0.1 V
4.2
6.9
11.7
0.9
15
tpd
A
Y
1.5 V
± 0.1 V
3.7
5.2
8.4
1.7
10.7
ns
tpd
A
Y
1.8 V
± 0.15 V
3.3
4.4
6.9
1.9
8.5
ns
2.5 V
± 0.2 V
2.8
3.5
4.8
1.8
6.1
3.3 V
± 0.3 V
2.5
3
4
1.7
4.9
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
18.4
1.2 V
± 0.1 V
4.6
7.9
13.4
1.3
16.7
tpd
A
Y
1.5 V
± 0.1 V
4
6
9.6
2.2
11.8
ns
tpd
A
Y
1.8 V
± 0.15 V
3.6
5
7.9
2.4
9.5
ns
2.5 V
± 0.2 V
3.2
4
5.5
2.3
6.8
3.3 V
± 0.3 V
2.9
3.5
4.6
2.1
5.6
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
20.1
1.2 V
± 0.1 V
5.5
8.7
14
2.5
17.3
tpd
A
Y
1.5 V
± 0.1 V
4.7
6.7
10
3
12.5
ns
tpd
A
Y
1.8 V
± 0.15 V
4.2
5.6
8.3
3
10.1
ns
2.5 V
± 0.2 V
3.6
4.5
5.9
2.7
7.4
3.3 V
± 0.3 V
3.3
3.9
5
2.5
6.1


Similar Part No. - SN74AUP1G14DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DCKT TI-SN74AUP1G14DCKT Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DCKT TI-SN74AUP1G14DCKT Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DCKT TI1-SN74AUP1G14DCKT Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DCKT TI1-SN74AUP1G14DCKT Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DCKTE4 TI-SN74AUP1G14DCKTE4 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74AUP1G14DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com