Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC796 Datasheet(PDF) 1 Page - Picker Components

Part # PC796
Description  80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC796 Datasheet(HTML) 1 Page - Picker Components

  PC796_17 Datasheet HTML 1Page - Picker Components PC796_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC796 Rev G 10/09/2017
1 of 2
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796
CONTACT RATINGS 28 VDC at 25oC
Contact Form
1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 120 A(1)
Make 90 A(1)
Break 40 A
Break 30 A
Max Switching Power
1,120 W
Max Switching Voltage
75 VDC
40 A @ 25°C
30 A @ 25°C
Max Continuous Current
30 A @ 85°C
22.5 A @ 85°C
Minimum Load
0.5A @ 12VDC
FEATURES
 Designed for H Bridge Motor Drive Applications Utilizing the
NC Contact for Dynamic Braking
 Contact Material, Coil Power and Contact Gaps Optimized
 NC Contact Bounce Significantly Reduced
 Contact Switching Capacity up to 240 Amps
 80 Amps @ 14VDC Continuous Carrying Current
 Plain Case, Bracket or PCB Options
 Compatible with Socket SC795
 RoHS Compliant
CHARACTERISTICS
CONTACT DATA
ORDERING INFORMATION
Resistor Values (1/4 Watt):
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005
CONTACT RATINGS 14 VDC at 25oC
Contact Form
1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 240 A(1)
Make 180 A(1)
Break 80 A
Break 60 A
Max Switching Power
1,120 W
Max Switching Voltage
75 VDC
80 A @ 25°C
60 A @ 25°C
Max Continuous Current
60 A @ 85°C
45 A @ 85°C
Minimum Load
0.5A @ 12VDC
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ min @ 500VDC
Dielectric Strength
50 Hz 500VRMS 1 min. Between Contact and Coil
50 Hz 500VRMS 1 min. Between Contacts
Shock Resistance
147 m/s² 11 msec
Vibration Resistance
10-40 Hz Double Amplitude 1.5mm
Terminal Strength
8 N, 4N (PC Type)
Solderability
235
⁰C ± 2⁰C 3 sec ± 0.5 sec
Power Consumption
2.3 W
Operating Temperature
-40
⁰C to +125⁰C
Storage Temperature
-40
⁰C to +155⁰C
Relative Humidity
85% at 40
⁰C
Weight
47 grams
Material
AgSnO2, AgSnO2 (HV=125)(2)
Initial Contact Resistance
≤ 30mΩ initial
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
(2)
Standard AgSnO2 contacts have a hardness value (HV) of 95-100
Example:
PC796
-1C
-C
-12
S
-D
-N
-X
Model: PC796
Contact Form: 1C
Case Style: C: Plug-In; C1: Plastic Bracket; C2: Metal Bracket
P: PCB; P1: PCB w/Plastic Bracket; P2: PCB w/Metal Bracket
Coil Voltage: 6, 12, 24
Contact Material: Nil: AgSnO2 ; H: AgSnO2 (HV=125)*
Enclosure: C: Dust Cover; S: Sealed
Parallel Component: Nil: None; D: Diode; R: Resistor
Terminal Plating: N: Nickel Plated Terminals Standard on all Plug In Models; Nil: PC Version
RoHS Compliant: -X
Box Quantity: 400; Inner Box: 100
CHARACTERISTICS Continued
See SC795 for
availably sockets
(1)
With current load applied for a max. of 3 seconds at a max. duty cycle of 10%
*Standard AgSnO2
contacts have a hardness
value (HV) of 95-100
*Standard AgSnO2
contacts have a hardness
value (HV) of 95-100


Similar Part No. - PC796_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC796 PICKER-PC796 Datasheet
647Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results

Similar Description - PC796_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC796 PICKER-PC796 Datasheet
647Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_17 Datasheet
322Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795 Datasheet
251Kb / 3P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com