Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14DBVR
Description  LOW POWER SINGLE SCHMITT TRIGGER INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G14DBVR Datasheet HTML 1Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 2Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74AUP1G14
LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SCES578 – JUNE 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25 °C
TA = −40 °C TO 85 °C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
0.3
0.6
0.3
0.6
VT+
1.1 V
0.53
0.9
0.53
0.9
VT+
Positive-going
1.4 V
0.74
1.11
0.74
1.11
V
Positive-going
input threshold
voltage
1.65 V
0.91
1.29
0.91
1.29
V
input threshold
voltage
2.3 V
1.37
1.77
1.37
1.77
3 V
1.88
2.29
1.88
2.29
0.8 V
0.1
0.6
0.1
0.6
VT−
1.1 V
0.26
0.65
0.26
0.65
VT−
Negative-going
1.4 V
0.39
0.75
0.39
0.75
V
Negative-going
input threshold
voltage
1.65 V
0.47
0.84
0.47
0.84
V
input threshold
voltage
2.3 V
0.69
1.04
0.69
1.04
3 V
0.88
1.24
0.88
1.24
0.8 V
0.07
0.5
0.07
0.5
V
1.1 V
0.08
0.46
0.08
0.46
∆VT
Hysteresis
1.4 V
0.18
0.56
0.18
0.56
V
T
Hysteresis
(VT+ − VT−)
1.65 V
0.27
0.66
0.27
0.66
V
(VT+ − VT−)
2.3 V
0.53
0.92
0.53
0.92
3 V
0.79
1.31
0.79
1.31
IOH = −20 µA
0.8 V to 3.6 V
VCC − 0.1
VCC − 0.1
IOH = −1.1 mA
1.1 V
0.75
× VCC
0.7
× VCC
IOH = −1.7 mA
1.4 V
1.11
1.03
VOH
IOH = −1.9 mA
1.65 V
1.32
1.3
V
VOH
IOH = −2.3 mA
2.3 V
2.05
1.97
V
IOH = −3.1 mA
2.3 V
1.9
1.85
IOH = −2.7 mA
3 V
2.72
2.67
IOH = −4 mA
3 V
2.6
2.55
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3
× VCC
0.3
× VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
VOL
IOL = 1.9 mA
1.65 V
0.31
0.35
V
VOL
IOL = 2.3 mA
2.3 V
0.31
0.33
V
IOL = 3.1 mA
2.3 V
0.44
0.45
IOL = 2.7 mA
3 V
0.31
0.33
IOL = 4 mA
3 V
0.44
0.45
II
A input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
µA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
∆Ioff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
µA
ICC
VI = GND or
(VCC to 3.6 V)
IO = 0
0.8 V to 3.6 V
0.5
0.9
µA
∆ICC
VI = VCC − 0.6 V
IO = 0
3.3 V
40
50
µA


Similar Part No. - SN74AUP1G14DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DBVR TI-SN74AUP1G14DBVR Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DBVR TI-SN74AUP1G14DBVR Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DBVR TI1-SN74AUP1G14DBVR Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DBVR TI1-SN74AUP1G14DBVR Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DBVRE4 TI-SN74AUP1G14DBVRE4 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74AUP1G14DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com