Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR154 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # GR154
Description  1.5A Leaded Type General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GR154 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  GR154 Datasheet HTML 1Page - Chip Integration Technology Corporation GR154 Datasheet HTML 2Page - Chip Integration Technology Corporation GR154 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage (Volts)
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage ( %)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
O
Ambient Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1.8
1.5
1.2
0.9
0.6
0.3
Fig. 3 - Typical Instantaneour Forward
Characteristics
Fig. 4 - Typical Reverse Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Instantaneous Forward Voltage (Volts)
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
1
10
100
0.01
0.1
1.0
10
0.01
0.1
1.0
10
100
O
TJ=25 C
pulse width = 300us
1% duty cycle
O
TJ=25 C
O
TJ=125 C
single phase
half wave 60Hz
resistive or
inductive load
0.375" (9.5mm)
lead length
60
40
20
0
1
10
100
O
Tj=25 C
O
TJ=150 C
O
TJ=150 C
GR1505 THRU GR1510
1.5A Leaded Type General Purpose Rectifiers
Document ID : DS-11G09
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - GR154

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GR15-G EIC-GR15-G Datasheet
97Kb / 2P
   HIGH VOLTAGE
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GeneSiC Semiconductor, ...
GR1500JT12-247 GENESIC-GR1500JT12-247 Datasheet
589Kb / 9P
   OFF Silicon CarbideJunction Transistor
GR1500JT12-263 GENESIC-GR1500JT12-263 Datasheet
633Kb / 9P
   OFF Silicon CarbideJunction Transistor
GR1500JT17-247 GENESIC-GR1500JT17-247 Datasheet
591Kb / 9P
   OFF Silicon CarbideJunction Transistor
More results

Similar Description - GR154

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
   1A Leaded Type General Purpose Rectifiers
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
   2A Leaded Type General Purpose Rectifiers
GR3005 CITC-GR3005 Datasheet
89Kb / 3P
   3A Leaded Type General Purpose Rectifiers
GP30Y CITC-GP30Y Datasheet
578Kb / 3P
   3A Leaded Type General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
D2SB60 SHINDENGEN-D2SB60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
D2SB60L SHINDENGEN-D2SB60L Datasheet
318Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
D2SB20 SHINDENGEN-D2SB20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1.5A)
D2SBA20 SHINDENGEN-D2SBA20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1.5A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
   General Purpose Rectifiers(800V 1.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com