Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF151 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # DF151
Description  1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF151 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  DF151 Datasheet HTML 1Page - Chip Integration Technology Corporation DF151 Datasheet HTML 2Page - Chip Integration Technology Corporation DF151 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Document ID : DS-21B17
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
DF151 THRU DF157


Similar Part No. - DF151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF151 WTE-DF151 Datasheet
45Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DF151 WTE-DF151 Datasheet
56Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
DF151 SMC-DF151 Datasheet
149Kb / 4P
   Glass passivated die construction
logo
SMC Diode Solutions Co....
DF151 SMCDIODE-DF151 Datasheet
303Kb / 5P
   DF151 THRU DF157 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Rev. A
logo
List of Unclassifed Man...
DF151.820DP-0.65V50 ETC1-DF151.820DP-0.65V50 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF151

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF151S CITC-DF151S Datasheet
93Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF1505S CITC-DF1505S Datasheet
151Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com