Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD240HJ Datasheet(PDF) 1 Page - StarHope

Part # VESD240HJ
Description  Surface Mount Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

VESD240HJ Datasheet(HTML) 1 Page - StarHope

  VESD240HJ Datasheet HTML 1Page - StarHope VESD240HJ Datasheet HTML 2Page - StarHope VESD240HJ Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of 3
Features
Wide Varistor voltage range
SMD type body Size 1812
Large withstanding surge current
Fast response
Applications
Protection of semiconductors
Surge protection of consumer equipment
Surge protection of communication, measuring or controller instrument
Relay or electromagnetic Valve surge absorption
Explanation of Part Numbers
Dimension
Dimensions(mm)
1812
Surface Mount packaging for automated assembly
VESD240HX
VESD:
240:
H:
X:
DC voltage
Size
SMD Varistor
Internal code
W
D
T
L
Dimensions Code
Inc
h
Metric
4532
L
4.50±0.40
W
3.20±0.20
Tmax
2.40
D
0.60±0.25
Surface Mount Varistor
REV 2017 07 10
SMD Varistor/HJ


Similar Part No. - VESD240HJ

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD240HG SPSEMI-VESD240HG Datasheet
601Kb / 3P
   Surface Mount Varistor
More results

Similar Description - VESD240HJ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com