Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD180HJ Datasheet(PDF) 2 Page - StarHope

Part # VESD180HJ
Description  Surface Mount Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

VESD180HJ Datasheet(HTML) 2 Page - StarHope

  VESD180HJ Datasheet HTML 1Page - StarHope VESD180HJ Datasheet HTML 2Page - StarHope VESD180HJ Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
Electrical Characteristics
..
.
www.spsemi.cn
Page 2 of 3
Reliability Test
SMD Varistor/HJ
No.
Items
Requirements
Test Methods and Remarks
1
Operating
Temperature
Range
-55℃~+125℃
2
Solder ability
At least 90% of terminal electrode
should be covered with solder
Preheating temperature:120 to 150℃
Preheating time: 60s
Solder :95.5%Sn、3.0%Ag、0.5%:Cu, of the
solder.
Solder temperature: 450±5℃
Duration : 5±1s
Immersion into the colophony flux for 3 to 5 sec
Immersion speed: 25mm/sec
3
Resistance
to Soldering
No damage such as crucks should
be caused in chip element.
At least 75% of terminal electrode
is covered by new solder
Varistor voltage change within±10%
Preheating temperature: 120 to 150℃
Preheating time: 60s
Solder :95.5%Sn、3.0%Ag、0.5%:Cu of the
solder.
Solder temperature: 260±5℃
Duration : 10±1s
Immersion into the colophony flux for 3 to 5 sec.
Immersion speed: 25mm/sec
REV 2017 07 10
Part Number
Maximum Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Max Peak
Current
(8/20
μs )
Maximum
Energy
Typical
Capacitance
(Reference)
DC
(V)
Acrms
(V)
V1mA(V)
VC
(V)
IP
(A)
IPP
(A)
10/1000
μs
(J)
@1MHz (pF)
VESD180HJ
18
14
21.5~30
51
5
800
2.5
4200
VESD240HJ
24
18
27.4~36
67
5
800
2.6
4000
VESD300HJ
30
24
36.0~45.0
83
5
800
2.8
2500
VESD380HJ
38
30
43.6~57
101
5
800
3
2000
VESD450HJ
45
35
54~68
124
5
800
3.1
1800


Similar Part No. - VESD180HJ

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
More results

Similar Description - VESD180HJ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com