Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD090DG Datasheet(PDF) 3 Page - StarHope

Part # VESD090DG
Description  Surface Mount Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

VESD090DG Datasheet(HTML) 3 Page - StarHope

  VESD090DG Datasheet HTML 1Page - StarHope VESD090DG Datasheet HTML 2Page - StarHope VESD090DG Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPSEMI
Reliability Test
..
.
www.spsemi.cn
Page 3 of 3
No.
Items
Requirements
Test Methods and Remarks
4
Adhesion of
electrode
The termination and body should be no
damage.
规格型号
Part Number
施加力
Applied
force
保持时间
Keep time
1005
4N
10±1S
1608
5N
10±1S
2012
6N
10±1S
3216
10N
10±1S
3225 、 4532 、
5750、8063、1080
15N
10±1S
5
Low
temperature
resistance
No mechanical damage.
Varistor voltage change within±5%
Temperature: -55±2℃
Testing time: 500
24
0
+
h
6
Bending
strength
No mechanical damage.
Varistor voltage change within±10%
Warp: 2mm
Testing board: glass epoxy-resin substrate
Thickness: 0.8mm
7
Drop
No mechanical damage.
Varistor voltage change within±5%
Drop 10 times on a concrete floor from a high of
1m.
8
Vibration
No mechanical damage.
Varistor voltage change within±5%
Amplitude modulation: 1.5mm
Test time: A period of 2h in each of 3 mutually
perpendicular directions.
Frequency range: 10Hz to 55Hz to 10Hz for 1min.
9
High
temperature
resistance
No mechanical damage.
Varistor voltage change within±5%
Applied voltage: Working voltage
Testing time: 1000
24
0
+
h
Temperature: 85±2℃
10
Static
Humidity
No mechanical damage.
Varistor voltage cha nge within±5%
Humidity: 90 to 95% RH
Temperature: 55±2℃
Testing time: 500
24
0
+
h
50 0 hours
24 hours
55
Ro o m
te m peratu re
11
Thermal
Shock
No mechanical damage.
Varistor voltage change within±5%
Temperature: -40℃ for 30±3min
+85℃ for 30±3min
Transforming interval : 5 ±3min 20 sec
Number of cycles: 32
Note:When there are questions concerning, measurement shall be made after 24±2hrs of recovery under the
standard condition.
SMD Varistor/DG
REV 2017 07 10


Similar Part No. - VESD090DG

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD090EG SPSEMI-VESD090EG Datasheet
615Kb / 3P
   Surface Mount Varistor
More results

Similar Description - VESD090DG

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com