Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4364DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4364DY
Description  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4364DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4364DY Datasheet HTML 1Page - Vishay Siliconix SI4364DY Datasheet HTML 2Page - Vishay Siliconix SI4364DY Datasheet HTML 3Page - Vishay Siliconix SI4364DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4364DY
Vishay Siliconix
New Product
www.vishay.com
2-2
Document Number: 70680
S-03662—Rev. C, 14-Apr-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
1.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "16 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 20 A
0.0035
0.0045
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 19 A
0.0043
0.0055
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 20 A
90
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.70
1.1
V
Dynamicb
Total Gate Charge
Qg
48
75
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 20 A
16
nC
Gate-Drain Charge
Qgd
11
Gate Resistance
RG
0.5
1.1
1.9
W
Turn-On Delay Time
td(on)
17
30
Rise Time
tr
VDD = 15 V, RL = 15 W
16
30
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
165
250
ns
Fall Time
tf
55
90
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
012345
VGS = 10 thru 3 V
25
_C
TC = 125_C
-55
_C
2 V
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI4364DY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4362 SILABS-SI4362 Datasheet
1Mb / 46P
   Garage and gate openers
logo
List of Unclassifed Man...
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
More results

Similar Description - SI4364DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com