Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC39-11SRWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # SC39-11SRWA
Description  9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC39-11SRWA Datasheet(HTML) 3 Page - Kingbright Corporation

  SC39-11SRWA Datasheet HTML 1Page - Kingbright Corporation SC39-11SRWA Datasheet HTML 2Page - Kingbright Corporation SC39-11SRWA Datasheet HTML 3Page - Kingbright Corporation SC39-11SRWA Datasheet HTML 4Page - Kingbright Corporation SC39-11SRWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: CDA0848
REV NO: V.1
DATE: NOV/18/2001
PAGE: 3 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
High Efficiency Red
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
d
e
R
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
10
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
20
30
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
15
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - SC39-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC39-11SRWA KINGBRIGHT-SC39-11SRWA Datasheet
200Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC39-11SRWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-431SURWA EVERLIGHT-ELS-431SURWA Datasheet
149Kb / 5P
   0.39inch Single Digit Displays
logo
Kingbright Corporation
SA05-11 KINGBRIGHT-SA05-11 Datasheet
481Kb / 5P
   12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
SA39-12YWA KINGBRIGHT-SA39-12YWA Datasheet
140Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-12SRWA KINGBRIGHT-SA39-12SRWA Datasheet
182Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-12EWA KINGBRIGHT-SA39-12EWA Datasheet
140Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SA39-11PBWA-A KINGBRIGHT-SA39-11PBWA-A Datasheet
186Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11PBWA-A KINGBRIGHT-SC39-11PBWA-A Datasheet
204Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11GWA KINGBRIGHT-SC39-11GWA Datasheet
183Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12YWA KINGBRIGHT-SC39-12YWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-12EWA KINGBRIGHT-SC39-12EWA Datasheet
184Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com