Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USF10J48 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # USF10J48
Description  TOSHIBA THYRISTOR SILICON PLANAR TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

USF10J48 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  USF10J48 Datasheet HTML 1Page - Toshiba Semiconductor USF10J48 Datasheet HTML 2Page - Toshiba Semiconductor USF10J48 Datasheet HTML 3Page - Toshiba Semiconductor USF10J48 Datasheet HTML 4Page - Toshiba Semiconductor USF10J48 Datasheet HTML 5Page - Toshiba Semiconductor USF10J48 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SF10G48,SF10J48,USF10G48,USF10J48
2001-07-10
2
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SF10G48
USF10G48
400
Repetitive Peak
Off−State Voltage and
Repetitive Peak
Reverse Voltage
SF10J48
USF10J48
VDRM
VRRM
600
V
SF10G48
USF10G48
500
Non−Repetitive Peak
Reverse Voltage
(Non−Repetitive <5ms,
Tj = 0~125°C)
SF10J48
USF10J48
VRSM
720
V
Average On−State Current
IT (AV)
10
A
R.M.S On−State Current
IT (RMS)
16
A
160 (50Hz)
Peak One Cycle Surge On−State
Current (Non-Repetitive)
ITSM
176 (60Hz)
A
I
2
t Limit Value
I
2
t
125
A
2
s
Critical Rate of Rise of On−State
Current
(Note 1)
di / dt
100
A / µs
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG (AV)
0.5
W
Peak Forward Gate Voltage
VFGM
10
V
Peak Reverse Gate Voltage
VRGM
−5
V
Peak Forward Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Note 1: VDRM = 0.5 × Rated, ITM ≤ 30A, tgw ≥ 10µs, tgr ≤ 250ns, igp = IGT × 2.0
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State Current and
Repetitive Peak Reverse Current
IDRM
IRRM
VDRM = VRRM = Rated
10
µA
Peak On−State Voltage
VTM
ITM = 30A
1.5
V
Gate Trigger Voltage
VGT
1.0
V
Gate Trigger Current
IGT
VD = 6V, RL = 10Ω
10
mA
Gate Non−Trigger Voltage
VGD
VD = Rated × 2 / 3, Tc = 125°C
0.2
V
Critical Rate of Rise of Off−State Voltage
dv /dt
VDRM = Rated, Tc = 125°C
Exponential Rise
50
V / µs
Holding Current
IH
VD = 6V, ITM = 1A
40
mA
Latching Current
IL
VD = 6V, f = 50Hz
tgw = 50µs, iG = 30mA
50
mA
Thermal Resistance
Rth (j−c)
Junction to Case, DC
2.5
°C / W


Similar Part No. - USF10J48

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
USF10J48 KERSEMI-USF10J48 Datasheet
902Kb / 5P
   Thyristor silicon planar type
More results

Similar Description - USF10J48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S6744 TOSHIBA-S6744 Datasheet
124Kb / 4P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
URSF05G49-1P TOSHIBA-URSF05G49-1P Datasheet
253Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
USF5G49 TOSHIBA-USF5G49 Datasheet
208Kb / 6P
   TOSHIBA Thyristor Silicon Planar Type
SF10G41A TOSHIBA-SF10G41A Datasheet
257Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6992 TOSHIBA-S6992 Datasheet
132Kb / 4P
   TOSHIBA Thyristor Silicon Planar Type
S6A13 TOSHIBA-S6A13 Datasheet
137Kb / 4P
   TOSHIBA Thyristor Silicon Planar Type
SF0R5G43 TOSHIBA-SF0R5G43 Datasheet
244Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G48 TOSHIBA-SF5G48 Datasheet
214Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6785G TOSHIBA-S6785G Datasheet
107Kb / 4P
   TOSHIBA HIGH SPEED THYRISTOR SILICON PLANAR TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com