Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76PD1470Z340J Datasheet(PDF) 1 Page - Kemet Corporation

Part # R76PD1470Z340J
Description  R76, Film, Double Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 630 V, 85C, Lead Spacing = 7.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76PD1470Z340J Datasheet(HTML) 1 Page - Kemet Corporation

  R76PD1470Z340J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - f1afda49-414e-4c82-9558-930173e455dd
KEMET Part Number: R76PD1470Z340J
R76, Film, Double Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 630 V, 85C, Lead Spacing = 7.5mm
Dimensions
L
10mm +0.2mm
H
9mm +0.1mm
T
4mm +0.1mm
S
7.5mm +/-0.4mm
LL
17mm +1/-2mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1500
General Information
Supplier: KEMET
Series: R76
Dielectric: Double Metallized Polypropylene
Style: Radial
Features: Automotive Grade, Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Voltage Derating: 1.35%/C
Above 75C (AC),1.25%/C Above
85C (DC)
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 5%
Voltage DC: 630 VDC
Voltage AC: 250 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.1% 1kHz, 0.06% 10kHz, 0.1%
100kHz
Insulation Resistance: 100 GOhms
Max dVdt: 2,800 V
Inductance: 8 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R76PD1470Z340J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76PD1470SE40J KEMET-R76PD1470SE40J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R76PD1470XX4XX KEMET-R76PD1470XX4XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
More results

Similar Description - R76PD1470Z340J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76PD1220SE00J KEMET-R76PD1220SE00J_17 Datasheet
54Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 2200 pF, 5%, 630 V, 85C, Lead Spacing = 7.5mm
R76PD0680Z300J KEMET-R76PD0680Z300J Datasheet
55Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 680 pF, 5%, 630 V, 85C, Lead Spacing = 7.5mm
R76PF1470SE00J KEMET-R76PF1470SE00J Datasheet
54Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 630 V, 85C, Lead Spacing = 10mm
R76PF14704000J KEMET-R76PF14704000J Datasheet
55Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 630 V, 85C, Lead Spacing = 10mm
R76PD1220SE00K KEMET-R76PD1220SE00K Datasheet
54Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 2200 pF, 10%, 630 V, 85C, Lead Spacing = 7.5mm
R76QD0220SE00J KEMET-R76QD0220SE00J_17 Datasheet
54Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 220 pF, 5%, 1,000 V, 85C, Lead Spacing = 7.5mm
R76TI1470SE30J KEMET-R76TI1470SE30J Datasheet
54Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 4700 pF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R76UN14704000J KEMET-R76UN14704000J Datasheet
55Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 2,000 V, 85C, Lead Spacing = 22.5mm
R76TI14704040J KEMET-R76TI14704040J_17 Datasheet
55Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 4700 pF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R76QD0470SE00K KEMET-R76QD0470SE00K Datasheet
54Kb / 1P
   R76, Film, Double Metallized Polypropylene, Commercial Grade, 470 pF, 10%, 1,000 V, 85C, Lead Spacing = 7.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com