Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW17N Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPW17N
Description  Silicon NPN Phototransistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW17N Datasheet(HTML) 3 Page - Vishay Siliconix

  BPW17N Datasheet HTML 1Page - Vishay Siliconix BPW17N Datasheet HTML 2Page - Vishay Siliconix BPW17N Datasheet HTML 3Page - Vishay Siliconix BPW17N Datasheet HTML 4Page - Vishay Siliconix BPW17N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPW17N
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Aug-11
3
Document Number: 81516
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Collector Light Current vs. Irradiance
Fig. 4 - Collector Light Current vs. Collector Emitter Voltage
Fig. 5 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Fig. 6 - Turn-on/Turn-off Time vs. Collector Current
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
Fig. 8 - Relative Radiant Sensitivity vs. Angular Displacement
0.01
0.1
1
0.001
0.01
0.1
1
10
Ee - Irradiance (mW/cm2)
10
94 8313
VCE =5V
= 950 nm
λ
0.1
1
10
0.1
1
10
VCE - Collector Emitter Voltage (V)
100
94 8242
Ee = 1 mW/cm2
= 950 nm
0.5 mW/cm2
0.2 mW/cm2
λ
0.1
1
10
0
4
8
12
16
20
V
CE - Collector Emitter Voltage (V)
100
94 8240
f = 1 MHz
04
8
12
0
2
4
6
8
12
IC - Collector Current (mA)
16
94 8238
10
VCE =5V
RL = 100
Ω
λ = 950 nm
toff
ton
400
600
1000
0
0.2
0.4
0.6
0.8
1.0
-Wavelength (nm)
94 8241
800
λ
0.4
0.2
0
94 8243
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - BPW17N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW17N VISHAY-BPW17N Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
BPW17N VISHAY-BPW17N Datasheet
348Kb / 7P
   Silicon NPN Phototransistor
Rev. 1.3, 08-Mar-05
BPW17N VISHAY-BPW17N Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
BPW17N VISHAY-BPW17N Datasheet
93Kb / 5P
   Silicon NPN Phototransistors
01-Jan-2021
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
   Silicon NPN Phototransistor
Rev. 1.3, 08-Mar-05
More results

Similar Description - BPW17N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com