Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT301-D Datasheet(PDF) 2 Page - Quantum Research Group

Part # QT301-D
Description  CAPACITANCE TO ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT301-D Datasheet(HTML) 2 Page - Quantum Research Group

  QT301-D Datasheet HTML 1Page - Quantum Research Group QT301-D Datasheet HTML 2Page - Quantum Research Group QT301-D Datasheet HTML 3Page - Quantum Research Group QT301-D Datasheet HTML 4Page - Quantum Research Group QT301-D Datasheet HTML 5Page - Quantum Research Group QT301-D Datasheet HTML 6Page - Quantum Research Group QT301-D Datasheet HTML 7Page - Quantum Research Group QT301-D Datasheet HTML 8Page - Quantum Research Group QT301-D Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 - Overview
The QT301 is a digital burst mode charge-transfer (QT)
capacitance-to-analog converter (CAC). It has a PWM output
designed for applications such as fluid level sensing and
distance gauging; the PWM signal is eight bits in resolution.
The IC features two calibration inputs for end-to-end span
calibration. The output depends on load (Cx) and sampling
capacitor (Cs) values.
1.1 Basic Operation
The QT301 has internal EEPROM to store the two calibration
points. The sensor acquires the signal from the electrode and
calculates the PWM result using the two calibration points.
The sensor can be calibrated via the two calibration inputs
(see Section 4). The signal can be acquired either
continuously or it can be synchronized on an external signal.
The response time of the PWM depends largely on the
acquisition burst spacing.
1.2 Basic Circuit
Figure 1-1 shows a basic circuit diagram for the QT301. The
pin layout of the QT301 is as explained in Table 1-1. In this
particular circuit, C1 should be 100nF and R1, R2 and R3
should all be 10K.
R1 is only required if the synchronization feature is not used
and can be connected to either VDD or VSS.
Cs should be between 1nF and 500nF depending on the
sensitivity required. Use either NPO or PPS capacitors for
best results.
Rs is calculated with the following formula:
Rs < 166%10
3
Cx
where Cx is expressed in pF.
2 - Signal Acquisition
The QT301 has a power-up delay of 300ms. During this
interval it does not acquire signals or generate a PWM result;
it also ignores calibration inputs. This delay helps to prevent
false calibrations due to signal noise on Vdd during
startup.
Figure 2-1 shows the basic QT301 acquisition timing
parameters. Tbd is the burst duration, Tbs is the
burst spacing from the start of one burst to the start
of the next burst; when there is no Sync signal Tbs =
Tbd+2.5ms.
2.1 Burst Properties
The QT301 employs bursts of charge-transfer cycles
to acquire its signal. Burst mode dramatically reduces
RF emissions and lowers susceptibility to EMI.
The acquisition burst operates in a band between
230kHz and 310kHz. The burst is spread-spectrum
modulated within this band to suppress interference
from external noise sources.
The QT switches and charge measurement hardware
functions are all internal to the QT301. A 16-bit
single-slope switched capacitor, analog to digital
converter (ADC), includes both the required QT
charge and transfer switches in a configuration that
provides direct ADC conversion. The ADC is designed to
dynamically optimize the QT burst length according to the
rate of charge buildup on Cs, which in turn depends on the
values of Cs, Cx, and VDD. VDD is used as the charge
reference voltage.
LQ
2
QT301 R1.06 12/03
Positive supply
VDD
8
Upper Calibration input
CAL_UP
7
PWM output
PWM
6
Sense 2 line
SNS2
5
Negative supply (ground)
VSS
4
Sense 1 line (to electrode)
SNS1
3
Lower Calibration input
CAL_DN
2
Sync Input
SYNC
1
Function
Name
Pin
Table 1-1 Pin Description
Figure 1-1 Basic Circuit Diagram
7
1
2
8
6
CAL_UP
PWM
SNS2
SNS1
VDD
5
3
SYNC
VSS
3 to 5.5V
Electrode
Cs
Cx
CAL_DN
Rs
0.1uF
4
R1
R2
R3
Upper Cal
Lower Cal
PWM Out
Figure 2-1 Acquisition Burst: No Sync Pulse
Tbd
Tbs


Similar Part No. - QT301-D

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300-D QUANTUM-QT300-D Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
QT300-D QUANTUM-QT300-D Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300-IS QUANTUM-QT300-IS Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
More results

Similar Description - QT301-D

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com