Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC120-905 Datasheet(PDF) 1 Page - Picker Components

Part # PC120-905
Description  100 Amp D.C. Power Contactor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC120-905 Datasheet(HTML) 1 Page - Picker Components

  PC120-905 Datasheet HTML 1Page - Picker Components PC120-905 Datasheet HTML 2Page - Picker Components PC120-905 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC120 Rev A 4/18/2106
1 of 3
Previously PC125
100 Amp D.C. Power Contactor
PC120
Part
Number
Duty
Cycle
Terminal
Type
Pole Form
Bracket
Style
Coil
Voltage
D.C.*
Coil
Resistance
(Ohms)
@ 25° C
Contact
Material
Contact Rating (Amps)
Inductive Load
Dimensions
Inches
Weight
Volt
D.C.
Normally Open
Case
Continuous Inrush
L
W
H
(oz)
PC120-901 Continuous
4
SPNO
Standard
12
16.0
Silver Alloy
12
100
400
2.125 2.875 3.253
6.0
PC120-902 Continuous
4
SPNO
Standard
15
20.8
Silver Alloy
15
100
400
2.125 2.875 3.253
6.0
PC120-903 Continuous
4
SPNO
Standard
18
37.0
Silver Alloy
18
100
400
2.125 2.875 3.253
6.0
PC120-904 Continuous
4
SPNO
Standard
24
64.0
Silver Alloy
24
100
400
2.125 2.875 3.253
6.0
PC120-905 Continuous
4
SPNO
Standard
36
160.0
Silver Alloy
36
100
400
2.125 2.875 3.253
6.0
FEATURES
 Direct Insert Mounting
 Contact Switching Capacity up to 40 Amps
 Internal Resistors Available
 RoHS Compliant
 Compatible with White Rogers/Stancor 120-9xx Series
*Coil Voltages 6, 14, 48 are available as special order.
ORDERING INFORMATION
Example:
PC120
-901
-Z
H
-22
-C
388
Model: PC120-9xx
Coil Voltage: 01: 12; 02: 15; 03: 18; 04: 24: 05: 36 VDC
Mounting Bracket Plating: Nil: Bare Metal; Z: Zinc Plater
Hardware: Nil: None; H: Hardware Included
Coil Terminal Length: Nil: .451”; 22: .22”
Contact Material: Nil: AgCdO; C: Copper
Contact Termination: Nil: .495”; 388: .388”
CONTACT DATA
Volts (VDC)
Continuous (A)
Inrush (A)
Electric Life
Contact Material
12
80
400
1 X 104
Copper
12
100
400
5 X 104
Silver Alloy
36
100
400
2.5 X 104
Silver Alloy


Similar Part No. - PC120-905

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PC120-10 SUPERWORLD-PC120-10 Datasheet
110Kb / 1P
   POWER TRANSFORMER
PC120-200 SUPERWORLD-PC120-200 Datasheet
110Kb / 1P
   POWER TRANSFORMER
PC120-35 SUPERWORLD-PC120-35 Datasheet
110Kb / 1P
   POWER TRANSFORMER
PC120-8 SUPERWORLD-PC120-8 Datasheet
110Kb / 1P
   POWER TRANSFORMER
PC120-85 SUPERWORLD-PC120-85 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - PC120-905

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
9207 LEACH-9207 Datasheet
821Kb / 8P
   POWER CONTACTOR 100 AMP
ZC-X0X LEACH-ZC-X0X Datasheet
1Mb / 9P
   CONTACTOR, CENTER-OFF 100 AMP
ZCD LEACH-ZCD Datasheet
349Kb / 5P
   CONTACTOR, CENTER-OFF 100 AMP
9213 LEACH-9213 Datasheet
362Kb / 5P
   POWER CONTACTOR 3 PST-DM, 50/100 AMP
Z-X0X LEACH-Z-X0X Datasheet
1Mb / 10P
   POWER CONTACTOR 120 AMP
ZG-X0X LEACH-ZG-X0X Datasheet
1,017Kb / 9P
   POWER CONTACTOR 145 AMP
ZJ-X0X LEACH-ZJ-X0X Datasheet
1Mb / 11P
   POWER CONTACTOR 180 AMP
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
   CONTACTOR 90 AMP
logo
List of Unclassifed Man...
H-A4A ETC2-H-A4A Datasheet
925Kb / 14P
   CONTACTOR 60 AMP
logo
Leach International Cor...
9125 LEACH-9125 Datasheet
809Kb / 8P
   CONTACTOR 50 AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com