Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603S2N0CTD25 Datasheet(PDF) 1 Page - TDK Electronics

Part # MLG0603S2N0CTD25
Description  Inductors (Coils)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S2N0CTD25 Datasheet(HTML) 1 Page - TDK Electronics

  MLG0603S2N0CTD25 Datasheet HTML 1Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 2Page - TDK Electronics MLG0603S2N0CTD25 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inductors (Coils)
1 of 3
Creation Date : October 24, 2017 (GMT)
MLG0603S2N0CTD25
Applications
Automotive Grade
Feature
Multilayer
Multilayer
Non-Mag Core
Non-Magnetic Core (Dielectric Ceramic)
AEC-Q200
AEC-Q200
Series | Type
MLG
Status
Production
Brand
TDK
Size
Length(L)
0.60mm ±0.03mm
Width(W)
0.30mm ±0.03mm
Thickness(T)
0.30mm ±0.03mm
Recommended Land Pattern (A)
0.25mm Nom.
Recommended Land Pattern (B)
0.30mm Nom.
Recommended Land Pattern (C)
0.30mm Nom.
Electrical Characteristics
Inductance
2nH ±0.2nH at 100MHz
Rated Current
400mA
DC Resistance [Typ.]
140mΩ
DC Resistance [Max.]
250mΩ
Self Resonant Frequency [Min.]
8.2GHz
Self Resonant Frequency [Typ.]
9.8GHz
Q [Min.]
4 at 100MHz
Q [Typ.]
Other
Operating Temp. Range (Including Self-Temp. Rise)
-55 to 125°C
Soldering Method
Reflow
Iron Soldering
AEC-Q200
Yes
Packing
Punched (Paper)Taping [180mm Reel]
Package Quantity
15000pcs
Weight
0.0002g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - MLG0603S2N0CTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S2N0CTD25 TDK-MLG0603S2N0CTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results

Similar Description - MLG0603S2N0CTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF12577NIT-6R8N-D TDK-CLF12577NIT-6R8N-D Datasheet
322Kb / 3P
   Inductors (Coils)
CLF12577NIT-100M-D TDK-CLF12577NIT-100M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-101M-D TDK-CLF12577NIT-101M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-150M-D TDK-CLF12577NIT-150M-D Datasheet
322Kb / 3P
   Inductors (Coils)
MLJ1005WR16JT000 TDK-MLJ1005WR16JT000 Datasheet
69Kb / 3P
   Inductors (Coils)
NLCV32T-3R3M-PFD TDK-NLCV32T-3R3M-PFD Datasheet
193Kb / 4P
   Inductors (Coils)
NLV25T-2R2J-EF TDK-NLV25T-2R2J-EF Datasheet
181Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N2BT000 TDK-MHQ0402PSA1N2BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N3CT000 TDK-MHQ0402PSA1N3CT000_17 Datasheet
188Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N5BT000 TDK-MHQ0402PSA1N5BT000_17 Datasheet
187Kb / 3P
   Inductors (Coils)
MHQ0402PSA3N3BT000 TDK-MHQ0402PSA3N3BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com