Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB15JVC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # GB15JVC
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

GB15JVC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  GB15JVC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. GB15JVC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. GB15JVC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. GB15JVC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series GB
Ultra-Miniature Fully Illuminated Plungers
D10
D
www.nkkswitches.com
Pole
1
SPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
GB
Circuit
5
ON
(ON)
( ) = Momentary
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
GB15JHF
J
H
Actuator
J
Clear
Clear Plunger, Green LED
PC Terminals
P
Straight
H
Right Angle
V
Vertical
ACTUATOR
J
Clear Plunger
F
LEDs
C
Red
D
Amber
F
Green
SPDT
ON-(ON) Circuit
Right Angle PC Terminals
(4.0) Dia
.157
(2.0) Dia
.079
(1.6)
.063
(3.3)
.130
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
SP
GB15
ON
(ON)
5-6
5-4
SPDT
POLE & CIRCUIT
Note: Terminal numbers are not actually on
the switch. LED circuit is isolated and
requires an external power source.
(1)
(3)
5 (COM)
6
4
LED COLORS & SPECIFICATIONS
LEDs are an integral part of the
switch and not available separately.
The electrical specifications shown
are determined at a basic tempera-
ture of 25°C.
If the source voltage exceeds the
rated voltage, a ballast resistor is
required.
The resistor value can be calculated
by using the formula in the Supple-
ment section.
Red
Amber
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.95V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C 0.40mA/°C 0.40mA/°C
Ambient Temperature Range
–25° ~ +55°C
D
F
C
Colors


Similar Part No. - GB15JVC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GB15JVC NKK-GB15JVC Datasheet
139Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
GREATECS
GB15JVC GREATECS-GB15JVC Datasheet
699Kb / 1P
   Ultra-Miniature Pushbutton Switches with Fully Illuminated Plungers
logo
Nihon Kaiheiki Industry...
GB15JVC NKK-GB15JVC Datasheet
129Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
GB15JVC ETC2-GB15JVC Datasheet
288Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
More results

Similar Description - GB15JVC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com