Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMR412N Datasheet(PDF) 2 Page - Analog Power

Part # AMR412N
Description  N-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMR412N Datasheet(HTML) 2 Page - Analog Power

  AMR412N Datasheet HTML 1Page - Analog Power AMR412N Datasheet HTML 2Page - Analog Power AMR412N Datasheet HTML 3Page - Analog Power AMR412N Datasheet HTML 4Page - Analog Power AMR412N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AMR412N
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 80 V, VGS = 0 V
1
VDS = 80 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
12
A
VGS = 10 V, ID = 2 A
48
VGS = 5.5 V, ID = 1.6 A
55
Forward Transconductance
a
gfs
VDS = 15 V, ID = 2 A
8
S
Diode Forward Voltage
a
VSD
IS = 3.2 A, VGS = 0 V
0.75
V
Total Gate Charge
Qg
16
Gate-Source Charge
Qgs
3.8
Gate-Drain Charge
Qgd
7.3
Turn-On Delay Time
td(on)
7
Rise Time
tr
8
Turn-Off Delay Time
td(off)
38
Fall Time
tf
15
Input Capacitance
Ciss
971
Output Capacitance
Coss
127
Reverse Transfer Capacitance
Crss
77
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = 50 V, RL = 25 Ω,
ID = 2 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 50 V, VGS = 5.5 V,
ID = 2 A
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AMR412N_1A


Similar Part No. - AMR412N

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
   High accuracy analog output dual axis position sensor
Version 2.0
logo
Analog Power
AMR410N ANALOGPOWER-AMR410N Datasheet
344Kb / 5P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AMR412N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com