Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A393A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5A393A
Description  Bandwidth Quad Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A393A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5A393A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A393A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
09/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A391A
PI5A392A
PI5A393A
Test Circuits
Figure 2. Switching Time
Figure 3. Bandwidth
HP4195A
NETWORK
ANALYSER
ACTIVE PROBE
VOUT
COM
100
100
50
PI5A39X
S
EN
VCC
NO,NC
IN
V+
+5V
GND
IN
IN
OFF
ON
ON
OFF
OFF
OFF
COM
IN
CL
VOUT
Q = ( VOUT) (CL)
1nF
.1 F
NO or NC
VV
Logic
Input
VGEN
OUT
OUT


Similar Part No. - PI5A393A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A391AQ PERICOM-PI5A391AQ Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A391AW PERICOM-PI5A391AW Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A392AQ PERICOM-PI5A392AQ Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A392AW PERICOM-PI5A392AW Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
More results

Similar Description - PI5A393A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com