Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495B106K020ATE1K0 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495B106K020ATE1K0
Description  Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495B106K020ATE1K0 Datasheet(HTML) 1 Page - Kemet Corporation

  T495B106K020ATE1K0 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 287f8ea5-2a74-4122-a4b7-61d3a2ec088f
KEMET Part Number: T495B106K020ATE1K0
(B45197A4106K209)
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
Dimensions
Footprint
3528
L
3.5mm +/-0.2mm
W
2.8mm +/-0.2mm
H
1.9mm +/-0.2mm
T
0.13mm REF
S
0.8mm +0.1/-0.3mm
F
2.2mm +/-0.1mm
A
1.9mm MIN
B
0.4mm +/-0.15mm
E
2.2mm REF
G
1.8mm REF
P
0.5mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 107.45 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T495
Description: SMD, MnO2, Molded, Low ESR
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 10%
Voltage DC: 20 VDC (85C), 13.4 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 1000 mOhms (100kHz)
Current:
292 mAmps (100kHz 25C),
262.8 mAmps (85C), 116.8
mAmps (125C)
Leakage Current: 2 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T495B106K020ATE1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495B106K025ATE750 KEMET-T495B106K025ATE750 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Low ESR, 750 mOhms, 2.1mm
T495B106K025ZTE750 KEMET-T495B106K025ZTE750 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
More results

Similar Description - T495B106K020ATE1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495B105K035ATE1K7 KEMET-T495B105K035ATE1K7 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Low ESR, 1.7 Ohms, Height Max = 2.1mm
T495B475K035ATE1K0 KEMET-T495B475K035ATE1K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, 2.1mm
T494B106K020AT KEMET-T494B106K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, 2.1mm
T495B106K010ATE600 KEMET-T495B106K010ATE600 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 600 mOhms, Height Max = 2.1mm
T495B336K010ATE450 KEMET-T495B336K010ATE450 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 33 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 450 mOhms, Height Max = 2.1mm
T495B107M010ATE500 KEMET-T495B107M010ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 500 mOhms, Height Max = 2.1mm
T495B106M016ATE650 KEMET-T495B106M016ATE650 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 10 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 650 mOhms, Height Max = 2.1mm
T495B106K016ATE800 KEMET-T495B106K016ATE800 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 800 mOhms, Height Max = 2.1mm
T491B106K020AT KEMET-T491B106K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
T491B106M010AT KEMET-T491B106M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, 3 Ohms, Height Max = 2.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com