Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH2625L Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PH2625L
Description  N-channel TrenchMOS-TM logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH2625L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PH2625L Datasheet HTML 2Page - NXP Semiconductors PH2625L Datasheet HTML 3Page - NXP Semiconductors PH2625L Datasheet HTML 4Page - NXP Semiconductors PH2625L Datasheet HTML 5Page - NXP Semiconductors PH2625L Datasheet HTML 6Page - NXP Semiconductors PH2625L Datasheet HTML 7Page - NXP Semiconductors PH2625L Datasheet HTML 8Page - NXP Semiconductors PH2625L Datasheet HTML 9Page - NXP Semiconductors PH2625L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
9397 750 14324
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 24 February 2005
6 of 13
Philips Semiconductors
PH2625L
N-channel TrenchMOS™ logic level FET
Tj =25 °CTj =25 °C
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Tj =25 °C and 150 °C; VDS >ID × RDSon
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
003aaa553
0
10
20
30
40
0
0.5
1
1.5
2
VDS (V)
ID
(A)
1.7
1.8
10
1.9
2.2
4.5
2.5
2.1
2.4
2.3
VGS (V) =
003aaa555
0
5
10
15
20
010
20
30
40
ID (A)
RDSon
(m
Ω)
10
2.1
2.3
4.5
2.2
VGS (V) = 2
003aaa554
0
10
20
30
40
0
1
23
VGS (V)
ID
(A)
25
°C
Tj = 150 °C
03af18
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a
a
R
DSon
R
DSon 25 C
°
()
------------------------------
=


Similar Part No. - PH2625L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PH2625L NEXPERIA-PH2625L Datasheet
576Kb / 16P
   N-channel 25 V 2.8 mΩ logic level MOSFET in LFPAK
Rev. 3 - 21 December 2011
More results

Similar Description - PH2625L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH16030L PHILIPS-PH16030L Datasheet
89Kb / 12P
   N-channel TrenchMOS-TM logic level FET
Rev. 01-24 February 2005
PHK12NQ03LT PHILIPS-PHK12NQ03LT Datasheet
92Kb / 12P
   N-channel TrenchMOS-TM logic level FET
Rev. 02-02 March 2004
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com