Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC6209 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC6209
Description  250mA Low- Quiescent Current Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC6209 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC6209 Datasheet HTML 4Page - E-CMOS Corporation EC6209 Datasheet HTML 5Page - E-CMOS Corporation EC6209 Datasheet HTML 6Page - E-CMOS Corporation EC6209 Datasheet HTML 7Page - E-CMOS Corporation EC6209 Datasheet HTML 8Page - E-CMOS Corporation EC6209 Datasheet HTML 9Page - E-CMOS Corporation EC6209 Datasheet HTML 10Page - E-CMOS Corporation EC6209 Datasheet HTML 11Page - E-CMOS Corporation EC6209 Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
250mA Low- Quiescent Current Linear Regulator
EC6209
ECMOS CO. ( http://www.ecmos.com.tw)
TEL : 886-3-5785888
FAX : 886-3-5783630
P 8 / 24
2009/04/28
Typical Operating Characteristics
(1) Output Voltage vs. Output Current
0
50
100
150
200
250
30 0
350
400
0.0
0.5
1.0
1.5
2.0
-40°C
85
° C
25
° C
V
IN
=2.8V C
IN
=C
OU T
=1uF (ceramic)
AP6209A-18
Output Current (mA)
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
T
A=25
°C C
IN=COUT=1uF ( ceramic)
V
IN=2.1 V
V
IN=2.8V
V
IN=6V
AP6209A-18
Output Current (mA)
50
100
150 2 00 25 0
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
IN=3.8V CIN=COUT=1uF (cer am ic)
25
°C
-40
° C
85
°C
AP6209A-28
Output Current (mA)
0
5 0
100
150
20 0
2 50
3 00
350
400
450
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
IN=3.1V
V
IN
=3 .8V
V
IN
=6 V
T
A
=25
°C C
IN
=C
OUT
=1uF (ceramic)
AP6209A-28
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
°C
85
°C
-40
°C
V
IN=4.3V
C
IN=COUT= 1uF (ceramic)
AP6209A-33
Output Current (mA)
0
50
10 0
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
IN=4.3V
V
IN
=3.6V
V
IN
=6V
Output Current (mA)
T
A=25
°C C
IN=COUT=1uF (ceramic)
AP6209A-33
EC6209-18
EC6209-18
EC6209-28
EC6209-28
EC6209-33
EC6209-33


Similar Part No. - EC6209

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
   LED electronic driver
More results

Similar Description - EC6209

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Linear Technology
LTC4079 LINER-LTC4079_15 Datasheet
270Kb / 20P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
logo
Texas Instruments
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com