Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC4304BNB6R Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4304BNB6R
Description  PWM Control 1.2A Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304BNB6R Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4304BNB6R Datasheet HTML 1Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 2Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 3Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 4Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 5Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 6Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 7Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 8Page - E-CMOS Corporation EC4304BNB6R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PWM Control 1.2A Step-Down Converter
EC4304B
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 11
2011/10/06
Electrical Characteristics (TA = -40 to 85°C unlessotherwisenoted. Typical valuesare at TA =25°C, VDD=12V)
Symbol
Description
Conditions
Min. Typ. Max Unit
VIN
Input Voltage
7
-
30
V
VIRU
Internal regulator start-up threshold
VIN rising
5.65
V
VIRD
Internal regulator shutdown
VIN falling
5.55
V
IQOFF
Quiescent supply current
with output off
EN pin grounded
35
uA
IQON
Quiescent supply current
with output switching
ADJ pin floating
f = 250kHz
1.8
5.0
mA
VSENSE Mean current sense threshold Voltage
(Defines LED current setting accuracy)
Measured on ISENSE pin with respect to
VIN, VADJ = 1.25V
95
100 105
mV
VSENTH Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE =VIN – 0.1
10
uA
VREF
Internal reference voltage
Measured on ADJ pin with pin floating
1.25
V
∆VREF/∆T Temperature coefficient of VREF
50
ppm/K
VADJ
External control voltage range on
ADJ pin for DC brightness control*
0
2.5
V
VIHEN
EN Input Voltage Hight
2
V
VILEN
EN Input Voltage Low
0.5
V
RADJ
Resistance between ADJ pin and VREF
0< VADJ < 2.5V
200
Kohm
ILXM
Continuous LX switch current
1.2
A
RLX
LX Switch ‘On’ resistance
@ ILX = 1.2 A
0.3 0.45 ohm
ILXI
LX switch leakage current
5
uA
TTP
Thermal Shutdown Protect
160
C
Electrical Characteristics (continuous)
DPWML
Duty cycle range of PWM signal
applied to ADJ pin during low
frequency PWM dimming mode
PWM frequency<500Hz
PWM amplitude = VREF
Measured on ADJ pin
0.01
1
Brightness control range
100:1
DPWMH
Duty cycle range of PWM signal
applied to ADJ pin during high
frequency PWM dimming mode
PWM frequency>10KHz
PWM amplitude = VREF
Measured on ADJ pin
0.16
1
Brightness control range
5:1
fLX
Operating frequency
ADJ pin floating, L = 33uH (0.093 ohm)
IOUT=1A @VLED = 3.6V Driving 1 LED
280
KHz
TONmin Minimum switch ‘ON’ time
LX switch ‘ON’
240**
ns
TOFFmin Minimum switch ‘OFF’ time
LX switch ‘OFF’
200**
ns
TONminR Recommended minimum switch 'ON'
time
LX switch ‘ON’
800
ns
fLXmax
Recommended maximum operating
frequency
1
MHz
DLX
Recommended duty cycle range of
output switch at fLXmax
0.3
0.7
TPD
Internal comparator propagation delay
50
ns


Similar Part No. - EC4304BNB6R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANB9R E-CMOS-EC4304ANB9R Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANFNR E-CMOS-EC4304ANFNR Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANT2R E-CMOS-EC4304ANT2R Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
More results

Similar Description - EC4304BNB6R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
   PWM Control 1500mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com