Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC4304C Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC4304C
Description  1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304C Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC4304C Datasheet HTML 1Page - E-CMOS Corporation EC4304C Datasheet HTML 2Page - E-CMOS Corporation EC4304C Datasheet HTML 3Page - E-CMOS Corporation EC4304C Datasheet HTML 4Page - E-CMOS Corporation EC4304C Datasheet HTML 5Page - E-CMOS Corporation EC4304C Datasheet HTML 6Page - E-CMOS Corporation EC4304C Datasheet HTML 7Page - E-CMOS Corporation EC4304C Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EC4304C
1.5A, Hysteretic, High Brightness
LED Driver with Internal Switch
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
4F06N-Rev.F001
Absolute Maximum Rating(Note 1)
Supply Input Voltage, VIN ----------------------------------------------------------------- -0.3V to + 45V
ISENSE Voltage, VISENSE ------------------------------------------------------------------ +0.3V to -5V(measured with respect to VIN)
LX Output Voltage, VLX ------------------------------------------------------------------- -0.3V to + 45V
Adjust Pin Input Voltage, VADJ ------------------------------------------------------------ -0.3V to + 6V
Switch Output Current, ILX ----------------------------------------------------------------- 1.8A
Operation Temperature Range ---------------------------------------------------------- -40°C to +150°C
Storage Temperature Range ------------------------------------------------------------- -55°C to +150°C
Junction Temperature ---------------------------------------------------------------------- 150°C
Lead Temperature (Soldering, 10 sec) ------------------------------------------------- 260°C
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------- 4kV
MM (Machine Mode) ----------------------------------------------------------------- 200V
Thermal Information
Package Thermal Resistance (Note 3)
SOP 8L(Exposed PAD)
θJA ------------------------------------------------------------------------ 47°C/W
SOP 8L(Exposed PAD)
θJC ------------------------------------------------------------------------ 17.9°C/W
Power Dissipation, PD @ TA = 25°C
SOP 8L(Exposed PAD) ----------------------------------------------------------------------------- 2.13W
Recommended Operation Conditions
Operating Junction Temperature Range (Note 4) ---------------------------------- -40°C to +125°C
Operating Ambient Temperature Range ---------------------------------------------- -40°C to +85°C
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.
Electrical Characteristics
(VIN = 12V, TA = 25℃, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input
Supply Voltage Range
VIN
7
-
40
V
VIN POR Threshold
VINRTH
VIN Rising
-
4.95
-
V
VIN POR Threshold
VINFTH
VIN Falling
-
4.8
-
V
Quiescent Current with Output
Off
I_QOFF
ADJ pin grounded
-
20
40
μA
Quiescent Current with Output
Switching
I_QON
ADJ pin floating f = 250KHz
-
0.5
1.0
mA
ISENSE Pin
Current Sense Threshold Voltage
VISENSE
ISENSE pin with respect to VIN,
ADJ = 1.25V
95
100
105
mV
ISENSE Input Current
ISENSE
VSENSE = VIN-0,1
-
-
1.0
μA
Reference
Reference Voltage
VREF
ADJ pin Voltage
-
1.25
-
V
Reference Voltage Temperature
Coefficient
-
50
-
ppm/
oK


Similar Part No. - EC4304C

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANB9R E-CMOS-EC4304ANB9R Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANFNR E-CMOS-EC4304ANFNR Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANT2R E-CMOS-EC4304ANT2R Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304B E-CMOS-EC4304B Datasheet
212Kb / 11P
   PWM Control 1.2A Step-Down Converter
More results

Similar Description - EC4304C

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Union Semiconductor, In...
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com