Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC4304BNB2R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4304BNB2R
Description  PWM Control 1.2A Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304BNB2R Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4304BNB2R Datasheet HTML 1Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 2Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 3Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 4Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 5Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 6Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 7Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 8Page - E-CMOS Corporation EC4304BNB2R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PWM Control 1.2A Step-Down Converter
EC4304B
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 11
2011/10/06
PIN DESCRIPTION
SYMBO
L
SOT-23
SOT-89
DESCRIPTION
LX
1
1
Drain of NDMOS switch
GND
2
2
Ground
ADJ
3
3
Multi-function On/Off and brightness control pin:
• Leave floating for normal operation.(VADJ = VREF = 1.25V giving
nominal average output current IOUTnom = 0.1/RS)
• Drive with DC voltage (0V < VADJ < 2.5V) to adjust output current
from 0% to 200% of IOUTnom
• Drive with PWM signal from open-collector or open-drain transistor, to
adjust output current. Adjustment range 0% to 100% of IOUTnom for
f >10kHz and 0% to 100% of IOUTnom for f < 500Hz
ISENS
E
4
4
Connect resistor RS from this pin to VIN to define nominal average output
current IOUTnom = 0.1/RS
VIN
5
5
Input voltage (7V to 30V). Decouple to ground with 10uF or higher
X7R ceramic capacitor close to device
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on intput pin relative to GND
VIN
-0.3 to +36
V
ISENSE pin Voltage
-5 to +0.3
V
ADJ and EN pin Voltage
-0.3 to +6
V
Operating Temperature Rang
TA
-40 to +125
C
Maximum Soldering Temperature (at leads, 10 sec)
TLEAD
300
C
Storage Temperature Rang
TS
-65 to +150
C
Power Dissipation, PD @ TA = 25°C
SOT-23
0.35
W
SOT-89
0.5
Package Thermal Resistance, θJA
SOT-23
250
°C/W
SOT-89
200


Similar Part No. - EC4304BNB2R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANB9R E-CMOS-EC4304ANB9R Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANFNR E-CMOS-EC4304ANFNR Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304ANT2R E-CMOS-EC4304ANT2R Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
More results

Similar Description - EC4304BNB2R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
   PWM Control 1500mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com