Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC4304ANFNR Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC4304ANFNR
Description  1A, Hysteretic, High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4304ANFNR Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC4304ANFNR Datasheet HTML 3Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 4Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 5Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 6Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 7Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 8Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 9Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 10Page - E-CMOS Corporation EC4304ANFNR Datasheet HTML 11Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
EC4304
1A, Hysteretic, High Brightness
LED Driver with Internal Switch
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 13
4B25N-Rev.F005
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX RDS_ON
RLX
@ILX = 1A, EC4304A
-
0.3
0.6
LX Leakage Current
-
-
5
µA
Minimum Switch ON Time
TON_min
LX Switch ON
-
240
-
ns
Minimum Switch OFF Time
TOFF_min
LX Switch OFF
-
200
-
ns
Recommended Minimum Switch
ON Time
TON_min_rec
-
800
-
ns
Frequency
Operation Frequency
FLX
ADJ pin floating, L=33µH (0.093
)
IOUT = 1A @ VLED=3.6V driving
1LED
-
280
-
kHz
Recommended Maximum
Operation Frequency
FLXmax
-
-
1
MHz
Duty Cycle Range of Output
Switch of Operation Frequency
DLX
30
-
70
%
Internal Comparator Propagation
Delay
TPD
-
50
-
ns
Soft-Start
Soft-Start Time
Time taken for output current to
reach 90% of final value after
voltage on ADJ pin has risen above
0.3V.
-
500
-
µs


Similar Part No. - EC4304ANFNR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4304B E-CMOS-EC4304B Datasheet
212Kb / 11P
   PWM Control 1.2A Step-Down Converter
EC4304BNB2R E-CMOS-EC4304BNB2R Datasheet
212Kb / 11P
   PWM Control 1.2A Step-Down Converter
EC4304BNB6R E-CMOS-EC4304BNB6R Datasheet
212Kb / 11P
   PWM Control 1.2A Step-Down Converter
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304CNMHR E-CMOS-EC4304CNMHR Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
More results

Similar Description - EC4304ANFNR

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com