Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1040625 Datasheet(PDF) 2 Page - SICK AG

Part # 1040625
Description  MIRROR COLUMNS AND DEVICE COLUMNS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1040625 Datasheet(HTML) 2 Page - SICK AG

  1040625 Datasheet HTML 1Page - SICK AG 1040625 Datasheet HTML 2Page - SICK AG 1040625 Datasheet HTML 3Page - SICK AG 1040625 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PM3S11-00330030 | Mirror columns with separate mirrors
MIRROR COLUMNS AND DEVICE COLUMNS
Ordering information
Type
Part no.
PM3S11-00330030
1040625
Other models and accessories
www.sick.com/Mirror_columns_with_separate_mirrors
Detailed technical data
Features
Model
Mirror columns with up to 4 adjustable individual mirrors
Suitable for
Multiple light beam safety devices
Suitable for number of beams
3
Suitable for beam separation
400 mm
Type of diversion
Horizontal
Mechanical data
Number of mirrors
3
Mirror length
90 mm
Mirror width
100 mm
Column height
1,185 mm
Height of first beam above ground
300 mm
Dimensional drawing
L1 300 mm
L2 400 mm
L3 400 mm
L5 1,185 mm
Weight
6,600 g
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2016-10-10 13:33:08
Subject to change without notice


Similar Part No. - 1040625

ManufacturerPart #DatasheetDescription
logo
SICK AG
1040620 SICK-1040620 Datasheet
205Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
logo
PHOENIX CONTACT
1040620 PHOENIX-1040620 Datasheet
56Kb / 2P
   Plug-in bridge - FBS 5-10 BU
logo
SICK AG
1040624 SICK-1040624 Datasheet
203Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
1040626 SICK-1040626 Datasheet
201Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
More results

Similar Description - 1040625

ManufacturerPart #DatasheetDescription
logo
SICK AG
PM3S96-00230060 SICK-PM3S96-00230060 Datasheet
205Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H17-00000000 SICK-PU3H17-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H21-00000000 SICK-PU3H21-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H24-00000000 SICK-PU3H24-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3C17-00030000 SICK-PM3C17-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3C19-00030000 SICK-PM3C19-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H11-00000000 SICK-PU3H11-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PUM12-S02 SICK-PUM12-S02 Datasheet
205Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PU3H15-00000000 SICK-PU3H15-00000000 Datasheet
215Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
PM3C20-00030000 SICK-PM3C20-00030000 Datasheet
210Kb / 4P
   MIRROR COLUMNS AND DEVICE COLUMNS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com