Part Name
         Description
PC107A

 PCI Bridge Memory Controller ( 50 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 1 page
background image
2137C–HIREL–03/04
Features
Processor Bus Frequency up to 100 MHz
64- or 32-bit Data Bus and 32-bit Address Bus
Provides Support for Either Asynchronous SRAM, Burst SRAM, or Pipelined Burst
SRAM
Compliant with PCI Specification, Revision 2.1
PCI Interface Operates up to 66 MHz/5.0V Compatible
IEEE 1149.1 Compliant, JTAG Boundary-scan Interface
PD Max = 1W (66 MHz), Full Operating Conditions
Nap, Doze and Sleep Modes for Power Savings
Two-channel Integrated DMA Controller
Message Unit
– Intelligent Input/Output (Two-wire Interface) Message Controller
– Two Door Bell Registers
– Inbound and Outbound Messaging Registers
Inter-integrated Circuit (Two-wire Interface) Controller, Full Master/Slave Support
Embedded Programmable Interrupt Controller (EPIC)
– Five Hardware Interrupts (IRQs) or 16 Serial Interrupts
– Four Programmable Timers
Description
The PC107A PCI Bridge/Integrated Memory Controller provides a bridge between the
Peripheral Component Interconnect, (PCI) bus and PowerPC 603e
, PowerPC 740,
PowerPC 750
or PC7400 microprocessors.
PCI support allows system designers to design systems quickly using peripherals
already designed for PCI and other standard interfaces available in the personal com-
puter hardware environment. The PC107A provides many other necessities for
embedded applications including a high-performance memory controller and dual pro-
cessor support, 2-channel flexible DMA controller, an interrupt controller, an I
2O-ready
message unit, an inter-integrated circuit controller (Two-wire Interface), and low skew
clock drivers. The PC107A contains an Embedded Programmable Interrupt Controller
(EPIC) featuring five hardware interrupts (IRQ’s) as well as sixteen serial interrupts
along with four timers. The PC107A uses an advanced, 2.5V HiP3 process technology
and is fully compatible with TTL devices.
Screening
This product is manufactured in full compliance with:
PBGA upscreenings based upon Atmel standards
Full military temperature range (Tj = -55
°C, +125°C)
Industrial temperature range (Tj = -40
°C, +110°C)
HiTCE (TBC)
ZF
PBGA 503
Flip-chip Plastic Ball Grid Array
GH suffix
HITCE 503
Ceramic Ball Grid Array
PCI Bridge
Memory
Controller
PC107A
Preliminary
Specification
β-site
Rev. 2137C–HIREL–03/04



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VT8601Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
82434LXPCI CACHE AND MEMORY CONTROLLER PCMC 1 2 3 4 5 MoreIntel Corporation
SLC90E66Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller 1 2 3 4 5 MoreSMSC Corporation
UCB1500PCI to AC97 bridge/host controller 1 2 3 4 5 MoreNXP Semiconductors
S93WD462Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory 1 2 3 4 5 MoreSummit Microelectronics, Inc.
TC6387XBSD Memory Card / SDIO Card Controller 1 2 3 4 5 MoreToshiba Semiconductor
AX88141100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreASIX Electronics Corporation
PI7C8152AENHANCED 2- PORT TO PCI BRIDGE INTEL 21152 COMPORISON 1 2 3 Pericom Semiconductor Corporation
W86L387DWinbond Host Interface Memory StickTM Bridge 1 2 3 4 5 MoreWinbond

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl