Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5023521310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5023521310
Description  DuraClik Wire-to-Board Header, Single Row, Right Angle, 13 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5023521310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5023521310_17 Datasheet HTML 1Page - Molex Electronics Ltd. 5023521310_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023521310
Status:
Active
Overview:
DuraClik™ Connector System
Description:
DuraClik™ Wire-to-Board Header, Single Row, Right Angle, 13 Circuits, Gold (Au)
Plating, Natural
Documents:
3D Model
Product Specification PS-502351-002-001 (PDF)
Drawing (PDF)
Packaging Specification PK-502352-002-JP-001
(PDF)
Product Specification 5051510002-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
502352
Application
Signal, Wire-to-Board
Comments
The Operating Temperature Range when used with
DuraClik series 502351 is -40°C to +105°C. It is -40°C
to 125°C when used with DuraClik ISL series 560123 or
TPA series 505151.
Overview
DuraClik™ Connector System
Product Name
DuraClik
UPC
887191654034
Physical
Breakaway
No
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height
6.40mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Resin
Polyamide
Net Weight
1.360/g
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
502352 Series
Mates With
DuraClik™ Crimp Housings 502351 ,
560123 , 505151


Similar Part No. - 5023521310_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5023521300 MOLEX1-5023521300_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 13 Circuits
More results

Similar Description - 5023521310_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5023521300 MOLEX1-5023521300_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 13 Circuits
5023520400 MOLEX1-5023520400_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 4 Circuits
5023521500 MOLEX1-5023521500_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 15 Circuits
5023520510 MOLEX1-5023520510_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 5 Circuits
5023520600 MOLEX1-5023520600_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 6 Circuits
5023521210 MOLEX1-5023521210_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 12 Circuits
5023520302 MOLEX1-5023520302_17 Datasheet
37Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 3 Circuits
5023520810 MOLEX1-5023520810_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 8 Circuits
5023520900 MOLEX1-5023520900_17 Datasheet
36Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 9 Circuits
5023520501 MOLEX1-5023520501_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Right Angle, 5 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com