Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA820-D04 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SCA820-D04
Description  Accelerometers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA820-D04 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SCA820-D04_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA820-D04_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of SCA820-D04 from the official website of Murata Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=SCA820-D04
SCA820-D04
Specifications
Output Type
SPI
Axis
1
Maximum Range
±2g
Supply Voltage
3.3V
Offset Temp. Characteristc
±30mg
Amplitude Response
50Hz
Mass
0.31g
2 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/10/27


Similar Part No. - SCA820-D04_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA820-D04-1 MURATA-SCA820-D04-1 Datasheet
164Kb / 4P
   SCA820-D04 1-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results

Similar Description - SCA820-D04_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
   Accelerometers
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
   Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
   Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
   Accelerometers
12/26/2022
logo
Murata Manufacturing Co...
SCA630-EDCV1B MURATA-SCA630-EDCV1B Datasheet
178Kb / 2P
   Accelerometers
SCA830-D06 MURATA-SCA830-D06_17 Datasheet
174Kb / 2P
   Accelerometers
SCA100T-D07 MURATA-SCA100T-D07 Datasheet
177Kb / 2P
   Accelerometers
SCA620-EF1V1B MURATA-SCA620-EF1V1B_17 Datasheet
177Kb / 2P
   Accelerometers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com