Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC933 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P89LPC933
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933 Datasheet(HTML) 4 Page - NXP Semiconductors

  P89LPC933 Datasheet HTML 1Page - NXP Semiconductors P89LPC933 Datasheet HTML 2Page - NXP Semiconductors P89LPC933 Datasheet HTML 3Page - NXP Semiconductors P89LPC933 Datasheet HTML 4Page - NXP Semiconductors P89LPC933 Datasheet HTML 5Page - NXP Semiconductors P89LPC933 Datasheet HTML 6Page - NXP Semiconductors P89LPC933 Datasheet HTML 7Page - NXP Semiconductors P89LPC933 Datasheet HTML 8Page - NXP Semiconductors P89LPC933 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
4 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
5.
Block diagram
Fig 1.
Block diagram
ACCELERATED 2-CLOCK 80C51 CPU
4 kb/8 kB/16 kB
CODE FLASH
256-BYTE
DATA RAM
PORT 2
CONFIGURABLE I/Os
PORT 1
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
clock
CONFIGURABLE
OSCILLATOR
ON-CHIP
RC
OSCILLATOR
internal bus
CRYSTAL
OR
RESONATOR
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
002aab070
UART
ANALOG
COMPARATORS
512-BYTE
AUXILIARY RAM
I2C-BUS
512-BYTE
DATA EEPROM
(P89LPC935/936)
PORT 3
CONFIGURABLE I/Os
CCU (CAPTURE/
COMPARE UNIT)
(P89LPC935/936)
P89LPC933/934/935/936
WATCHDOG TIMER
AND OSCILLATOR
TIMER 0
TIMER 1
REAL-TIME CLOCK/
SYSTEM TIMER
SPI
ADC1/DAC1
ADC0/DAC0
(P89LPC935/936)
P3[1:0]
P2[7:0]
P1[7:0]
P0[7:0]
X2
X1
TXD
RXD
SCL
SDA
T0
T1
CMP2
CIN2B
CIN2A
CMP1
CIN1A
CIN1B
OCA
OCB
OCC
OCD
ICA
AD10
AD11
AD12
AD13
DAC1
AD00
AD01
AD02
AD03
DAC1
ICB
SPICLK
MOSI
MISO
SS


Similar Part No. - P89LPC933

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC9331 NXP-P89LPC9331 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC9331FDH NXP-P89LPC9331FDH Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
More results

Similar Description - P89LPC933

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC971FDH129 NXP-P89LPC971FDH129 Datasheet
427Kb / 67P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 3-8 June 2010
P89LPC952 NXP-P89LPC952 Datasheet
339Kb / 69P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 04-24 July 2008
P89LPC970 NXP-P89LPC970 Datasheet
459Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com