Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82CF201 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P82CF201
Description  Low power, low price dual fan manager
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201 Datasheet(HTML) 2 Page - NXP Semiconductors

  P82CF201 Datasheet HTML 1Page - NXP Semiconductors P82CF201 Datasheet HTML 2Page - NXP Semiconductors P82CF201 Datasheet HTML 3Page - NXP Semiconductors P82CF201 Datasheet HTML 4Page - NXP Semiconductors P82CF201 Datasheet HTML 5Page - NXP Semiconductors P82CF201 Datasheet HTML 6Page - NXP Semiconductors P82CF201 Datasheet HTML 7Page - NXP Semiconductors P82CF201 Datasheet HTML 8Page - NXP Semiconductors P82CF201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2
2002 Nov 18
853–2393 29207
GENERAL DESCRIPTION
The P82CF201 is a 20-pin single-chip dual digital fan controller
designed for use with brushless DC fan motors. A thermistor (or
temperature resistive sensor) connected to the RthermC input
provides the required resistance of 10K to 1.75 K
Ω for 30% to 98%
PWM duty cycle.
With temperature less than 25
°C (thermistor resistance more than
10 K
Ω) and THRESHOLD is set to LOW, the fan will be off. When
temperature rises above 25
°C (NTC thermistor at 10K or less), the
PWM turns the fan on. The P82CF201 features a Turn-on Delay for
a second fan when both fans have to turn-on. This reduces the
in-rush current and suppresses acoustic noise.
The P82CF201 also features fan fault sensing for enhancing system
protection and reliability. It detects the presence of a fan, when the
running fan fails or jams using the voltage on VSENSE pin and
asserts the fault signal. The fault condition also triggers the
maximum PWM applied to the running fan. The fault is also asserted
when the thermistor resistance is less than 1.5 K
Ω (temperature is
over 76
°C).
FEATURES
Temperature proportional fan speed control resulting in low
acoustic and longer fan life
3.0 V to 5.5 V operating range
Dual PWM fan drive
Constant temperature monitoring ensure reliable motor start-up at
turn-on, coming out of fault condition, or following a transient fault
Constant fan sensing protect against fan failure and fault condition
Over temperature and fan fail output pin
20 mA direct drive to LED indicators for fan power supply failure,
fan failure, overheat warning, no fan connect
500 mS turn-on delay for the second fan when both fans have to
turn-on, reducing high surge current and noise
On-chip power-on reset allows operation with no external
components
The watchdog timer performs self-check and reset function
On-chip oscillator allows operations with no external oscillator
components
Supports low cost NTC thermistors (for PTC use P82CF202)
Hysteresis control (when THRESHOLD pin is connected to
Vss/Ground) for resistance between 10K (25
°C) and 15K (20 °C)
during cooling to avoid unnecessary fan turning during cool down
Constant cooling (when THRESHOLD pin is not connected or tied
to VDD) for resistance above 10K
Maximum PWM is asserted when one fan fails, cooling the system
during fan failure
20-pin TSSOP package.
ORDERING INFORMATION
Type number
Package
Name
Description
Thermistor Range
Version
P82CF201BDH
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
NTC – 1.7 to 32 K
SOT360-1
PIN CONFIGURATION, 20-PIN TSSOP PACKAGES
SU01716
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
FAN1DRIVE
VSENSE1
FAN2DRIVE
NC
VSS
VSENSE2
FAULT
NC
NC
NC
NC
THRESHOLD
RthermC
RrefC
NC
VDD
NC
RthermC DRIVE
NC
RrefC DRIVE
10
P82CF201


Similar Part No. - P82CF201

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
   P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
logo
NXP Semiconductors
P82C150 PHILIPS-P82C150 Datasheet
209Kb / 36P
   CAN Serial Linked I/O device SLIO with digital and analog port functions
1996 Jun 19
P82C150AFT PHILIPS-P82C150AFT Datasheet
209Kb / 36P
   CAN Serial Linked I/O device SLIO with digital and analog port functions
1996 Jun 19
P82C150AHT PHILIPS-P82C150AHT Datasheet
209Kb / 36P
   CAN Serial Linked I/O device SLIO with digital and analog port functions
1996 Jun 19
logo
List of Unclassifed Man...
P82C206 ETC-P82C206 Datasheet
4Mb / 79P
   NEW ENHANCED AT DATA BOOK
More results

Similar Description - P82CF201

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
logo
Nihon Inter Electronics...
10ERB40 NIEC-10ERB40 Datasheet
59Kb / 5P
   Fast Recovery and Low Price Diode
logo
HuaXinAn Electronics CO...
N40992C HUAXINAN-N40992C Datasheet
502Kb / 1P
   Small size, light weight, Low price
logo
Texas Instruments
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
logo
NXP Semiconductors
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
logo
HuaXinAn Electronics CO...
N40992A HUAXINAN-N40992A Datasheet
502Kb / 1P
   Small size, light weight, Low price
N40992B HUAXINAN-N40992B Datasheet
502Kb / 1P
   Small size, light weight, Low price
logo
NXP Semiconductors
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com