Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3111VVB2R Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC3111VVB2R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVB2R Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC3111VVB2R Datasheet HTML 7Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 9Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 10Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 11Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 12Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 13Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 14Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 15
5L14N-Rev.F009
300mA High-PSRR Low Dropout Voltage
Linear Regulators
EC3111
OUTLINE DRAWING TSOT23-5L
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCH
MIN
NOM
MAX
MIN
NOM
MAX
A
---
---
1.10
---
---
0.043
A1
0.00
---
0.10
0.000
---
0.004
A2
---
---
1.00
---
---
0.039
b
0.35
---
0.51
0.014
---
0.020
c
0.1
---
0.25
0.004
---
0.010
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
---
0.95
---
---
0.037
---
e1
---
1.90
---
---
0.075
---
L
0.35
---
0.55
0.014
---
0.022
L1
---
0.60
---
---
0.024
---
G
---
0.25
---
---
0.010
---
Θ1
---
---


Similar Part No. - EC3111VVB2R

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
logo
DFI Inc
EC310 DFI-EC310 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CR4866 DFI-EC310-CR4866 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CR6881 DFI-EC310-CR6881 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
EC310-CR6G60 DFI-EC310-CR6G60 Datasheet
1Mb / 4P
   Modular-Designed Embedded System
More results

Similar Description - EC3111VVB2R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
E-CMOS Corporation
EC3121 E-CMOS-EC3121 Datasheet
303Kb / 7P
   300mA 2CH Low Dropout Voltage Linear Regulators
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
Leshan Radio Company
LR6156 LRC-LR6156 Datasheet
385Kb / 7P
   Dual 300mA High PSRR LDO Two low dropout voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com