Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2960NNMHR Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC2960NNMHR
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960NNMHR Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC2960NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 8Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 9Page - E-CMOS Corporation EC2960NNMHR Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 13
4H19N-Rev.F00F
Electrical Characteristics(Cont.)
Refer to the typical application circuit. These specifications apply over VCNTL=5V, VIN=1.8V or 1.5V, VREF=0.5VIN, CIN=10μF, COUT=10μF
(MLCC) and TA=-40~85℃, unless otherwise specified. Typical values are at TA=25℃.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PROTECTIONS
Current-Limit(EC2960/EC2960A)
ILIM
Sourcing
Current(VIN
=1.8V)
TJ=25℃
1.8
2
3
A
2.2
3
4
TJ=125℃
1.6
2
Sinking
Current(VIN
=1.8V)
TJ=25℃
-2
-2.2
-3
-3
-2.8
4
TJ=125℃
-1.6
2
Sourcing
Current(VIN
=1.5V)
TJ=25℃
1.6
1.8
2.0
A
-2
-2.2
3
TJ=125℃
1.1
1.4
Sinking
Current(VIN
=1.5V)
TJ=25℃
-1.6
-1.8
-2.6
-2
-2.2
-3.6
TJ=125℃
-1.1
Thermal Shutdown Temperature
TSD
TJ rising
150
Thermal Shutdown Hysteresis
40
VREF Enable Voltage Threshold
0.15
0.3
0.4
V
VREF Bias Current
IVREF
-100
100
nA
Soft-Start Interval
TSS
0.1
0.2
0.4
ms


Similar Part No. - EC2960NNMHR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC29 ECLIPTEK-EC29 Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30.000M ECLIPTEK-EC2900ETTS-30.000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30.000MTR ECLIPTEK-EC2900ETTS-30.000MTR Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30000M ECLIPTEK-EC2900ETTS-30000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2900ETTS-30000MTR ECLIPTEK-EC2900ETTS-30000MTR Datasheet
202Kb / 3P
   OSCILLATOR
More results

Similar Description - EC2960NNMHR

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD5860 TECHCODE-TD5860 Datasheet
646Kb / 14P
   Source and Sink 1.5A/2A Fast Transient Response Line Regulator
logo
Anpec Electronics Corop...
APL5336 ANPEC-APL5336 Datasheet
709Kb / 18P
   Source and Sink, 1.5A, Fast Transient Response Linear Regulator
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
logo
Linear Technology
LT1963EFE LINER-LT1963EFE Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com