Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC747N65 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC747N65
Description  650V,7A N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC747N65 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC747N65 Datasheet HTML 1Page - E-CMOS Corporation EC747N65 Datasheet HTML 2Page - E-CMOS Corporation EC747N65 Datasheet HTML 3Page - E-CMOS Corporation EC747N65 Datasheet HTML 4Page - E-CMOS Corporation EC747N65 Datasheet HTML 5Page - E-CMOS Corporation EC747N65 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC747N65
650V,7A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4J06N-Rev.F001
IS
Drain-Source Diode Forward
Continuous Current
VGS = 0V
-
-
7.0
A
ISM
Miximum Pulsed Current
VGS = 0V
-
-
28
A
VSD
Drain-Source Diode
Forward Voltage
VGS = 0V, IS =3.5A
-
-
1.5
V
Drain-Source Diode Characteristics
Notes :
a. TJ = +25 C to +150 C.
b. Repetitive rating; pulse width limited by maximum junction temperature.
c. L=10mH, VDD =50V, IAS =9A, RG =25Ω Starting TJ =25 ℃.
d. Pulse width≦ 300
μs; duty cycle≦ 2%.
ORDERING INFORMATION
Part Number
Package
Marking
Marking Information
EC747N65AFR
TO-220F-3L
747N65
LLLLL
YYWW
1.
LLLLL:Lot No.
2.
YY:Year code
3.
WW:Week code
EC747N65AR
TO-220-3L
EC747N65A9R
TO-263-3L


Similar Part No. - EC747N65

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
EC747N60A9R E-CMOS-EC747N60A9R Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
EC747N60AFR E-CMOS-EC747N60AFR Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
EC747N60AR E-CMOS-EC747N60AR Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
More results

Similar Description - EC747N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65A UTC-7N65A Datasheet
283Kb / 7P
   7A, 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM07N65 AITSEMI-AM07N65 Datasheet
746Kb / 10P
   MOSFET 650V, 7A N-CHANNEL
REV1.0 - JUN 2022
logo
KIA Semiconductor Techn...
7N65H KIA-7N65H Datasheet
402Kb / 6P
   7A,650V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOD7N65 AOSMD-AOD7N65 Datasheet
393Kb / 6P
   650V,7A N-Channel MOSFET
AOT7N65 AOSMD-AOT7N65 Datasheet
413Kb / 6P
   650V, 7A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
   N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
Jiangsu Donghai Semicon...
I7NE65 WXDH-I7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
D7NE65 WXDH-D7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com