Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC747N60AFR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC747N60AFR
Description  600V,7A N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC747N60AFR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC747N60AFR Datasheet HTML 1Page - E-CMOS Corporation EC747N60AFR Datasheet HTML 2Page - E-CMOS Corporation EC747N60AFR Datasheet HTML 3Page - E-CMOS Corporation EC747N60AFR Datasheet HTML 4Page - E-CMOS Corporation EC747N60AFR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC747N60
600V,7A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 5
4J09N-Rev.F001
TJ, Junction Temperature( C)
VDS, Drain-Source Voltage(V) for
EC747N60AF
Figure 2. Normalized On-Resistance Variation Figure
3. Maximum SafeOperating Area
with Temperature
Figure 4. Capacitance Characteristics
Figure 5. Gate Charge Characteristics
Figure 6. On-State Characteristics
Figure 7. Body Diode Forward Voltage Variation
with Source Current


Similar Part No. - EC747N60AFR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC747N65 E-CMOS-EC747N65 Datasheet
579Kb / 6P
   650V,7A N-Channel Power MOSFET
EC747N65A9R E-CMOS-EC747N65A9R Datasheet
579Kb / 6P
   650V,7A N-Channel Power MOSFET
EC747N65AFR E-CMOS-EC747N65AFR Datasheet
579Kb / 6P
   650V,7A N-Channel Power MOSFET
EC747N65AR E-CMOS-EC747N65AR Datasheet
579Kb / 6P
   650V,7A N-Channel Power MOSFET
More results

Similar Description - EC747N60AFR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A_11 Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60_10 Datasheet
167Kb / 6P
   600V,7A N-Channel MOSFET
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
   600V, 7A N-Channel MOSFET
AOD7N60 AOSMD-AOD7N60 Datasheet
393Kb / 6P
   600V,7A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
7N60P LUGUANG-7N60P Datasheet
821Kb / 4P
   600V 7A N-Channel MOSFET
Revision:20170701-P1
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
   7A 600V N CHANNEL ISOLATED POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7ND60CI TSC-TSM7ND60CI Datasheet
402Kb / 6P
   N-Channel Power MOSFET 600V, 7A, 1.2廓
logo
Jiangsu Donghai Semicon...
7N60 WXDH-7N60 Datasheet
899Kb / 11P
   7A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com