Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC745N65AFR Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC745N65AFR
Description  650V,5A N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC745N65AFR Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC745N65AFR Datasheet HTML 1Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 2Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 3Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 4Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC745N65
650V,5A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4J06N-Rev.F001
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID
= 250μA
650
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
-
-
20
μ A
IGSSF
Forward Gate Body Leakage
Current
VDS = 0V, VGS = 30V
-
-
100
nA
IGSSR
Reverse Gate Body Leakage
Current
VDS = 0V, VGS = -30V
-
-
-100 nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID
= 250μA
2.0
2.91
4.0
V
RDS(on) Static Drain-Source On-Resistance
d
VGS = 10V, ID = 3A
-
1.8
2.3
Ω
gFS
Forward Transconductance
d
VDS = 15V, ID = 2.5A
-
2.2
10
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
-
796
-
pF
Coss
Output Capacitance
-
99
-
pF
Crss
Reverse Transfer Capacitance
-
24
-
pF
td(on)
Turn-On Delay Time
VDD = 325V, ID = 5A,
RG
= 10Ω, VGS = 10V
-
25
-
ns
tr
Turn-On Rise Time
-
8.1
-
ns
td(off)
Turn-Off Delay Time
-
37
-
ns
tf
Turn-Off Fall Time
-
6.7
-
ns
Qg
Total Gate Charge
VDS = 325V, ID = 5A,
VGS = 10V
- 18.6
nC
Qgs
Gate-Source Charge
-
5.6
nC
Qgd
Gate-Drain Charge
-
7.8
nC
Electrical Characteristics( TJ = 25°C unless otherwise noted)
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics


Similar Part No. - EC745N65AFR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
EC745N60AFR E-CMOS-EC745N60AFR Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
EC745N60AR E-CMOS-EC745N60AR Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
More results

Similar Description - EC745N65AFR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N65 UTC-5N65 Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
5N65K UTC-5N65K Datasheet
228Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
5N65Z UTC-5N65Z Datasheet
209Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com