Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC745N65AFR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC745N65AFR
Description  650V,5A N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC745N65AFR Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC745N65AFR Datasheet HTML 1Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 2Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 3Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 4Page - E-CMOS Corporation EC745N65AFR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC745N65
650V,5A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4J06N-Rev.F001
Symbol
Parameter
Limit
Unit
TO-220
TO-220F
VDS
Drain-Source Voltage
a
650
V
VGS
Gate-Source Voltage
 30
V
ID
Drain Current-Continuous, TC =25℃
5
A
Drain Current-Continuous, TC =100 ℃
3
A
IDM
Drain Current-Pulsed
b
20
A
PD
Maximum Power Dissipation @ TJ =25 ℃
104
35
W
EAS
Single Pulsed Avalanche Energy
e
143
mJ
dv/dt
Peak Diode Recovery dv/dt
c
4.5
V/ns
TJ, TSTG
Operating and Store Temperature Range
-55 to 150
Symbol
Parameter
Value
Unit
R
JC
Thermal Resistance, Junction-Case Max.
1.2
3.6
℃/W
R
JA
Thermal Resistance, Junction-Ambient Max.
63
℃/W
Features
◆ 650V, 5A, RDS(ON)(Max.) = 2.3Ω @ VGS = 10V
◆ Low Crss
◆ Fast Switching
◆ 100 % Avalanche Tested
Applications
Charger
STB
Open Framed Power Supply
Absolute Maximum Ratings (Tc = 25°C unless otherwise noted)
Thermal Characteristics


Similar Part No. - EC745N65AFR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
EC745N60AFR E-CMOS-EC745N60AFR Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
EC745N60AR E-CMOS-EC745N60AR Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
More results

Similar Description - EC745N65AFR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N65 UTC-5N65 Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
5N65K UTC-5N65K Datasheet
228Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
5N65Z UTC-5N65Z Datasheet
209Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com