Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC744N65 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC744N65
Description  650V,5.5A N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC744N65 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC744N65 Datasheet HTML 1Page - E-CMOS Corporation EC744N65 Datasheet HTML 2Page - E-CMOS Corporation EC744N65 Datasheet HTML 3Page - E-CMOS Corporation EC744N65 Datasheet HTML 4Page - E-CMOS Corporation EC744N65 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC744N65
650V,5.5A N-Channel Power MOSFET
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 5
4J06N-Rev.F001
IS
Drain-Source Diode Forward
Continuous Current
VGS = 0V
-
-
3.7
A
ISM
Maximum Pulsed Current
VGS =0V
-
-
14.8
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0V, IS = 3.7A
-
0.86
1.5
V
Drain-Source Diode Characteristics
Notes :
a. TJ = +25 ℃ to +150 ℃.
b. Repetitive rating; pulse width limited by maximum junction temperature.
c. ISD= 3.7A di/dt≦ 100 A/μs, VDD≦ BVDSS, TJ ≦ +150 ℃.
d. Pulse width≦ 38
0 μs; duty cycle≦ 2%.
e. L=10mH, VDD =90V, IAS =3.7A, RG =25Ω Starting TJ =150 ℃.
Figure3 Maximum Safe Operating Area
Figure 2. Normalized On-Resistance
Variation with Temperature
Figure 1 . Normalized Effective Transient Thermal Impedance With Pulse Duration


Similar Part No. - EC744N65

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC744N70 E-CMOS-EC744N70 Datasheet
468Kb / 5P
   700V,4A N-Channel Power MOSFET
EC744N70A3R E-CMOS-EC744N70A3R Datasheet
468Kb / 5P
   700V,4A N-Channel Power MOSFET
EC744N70AR E-CMOS-EC744N70AR Datasheet
468Kb / 5P
   700V,4A N-Channel Power MOSFET
More results

Similar Description - EC744N65

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
   N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
logo
E-CMOS Corporation
EC746N60J E-CMOS-EC746N60J Datasheet
417Kb / 5P
   600V,5.5A N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com