Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC742N65EA3T Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC742N65EA3T
Description  650V 1.5A N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC742N65EA3T Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC742N65EA3T Datasheet HTML 1Page - E-CMOS Corporation EC742N65EA3T Datasheet HTML 2Page - E-CMOS Corporation EC742N65EA3T Datasheet HTML 3Page - E-CMOS Corporation EC742N65EA3T Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC742N65E
650V 1.5A N-Channel Power MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 4
5A13N-Rev.F001
Features
650V, 1.5A, RDS(ON)(Max.) = 8.2 @VGS = 10V.
Low Intrinsic Capacitances.
100% Avalanche Rated.
Rugged and reliable.
Applications
Charger
Standby Power.
Absolute Maximum Ratings Tc = 25°C unless otherwise noted
Limit
Unit
Symbol
Parameter
SOT223
TO-251
TO-252
VDS
Drain-Source Voltage
a
650
V
VGS
Gate-Source Voltage
V
ID
Drain Current-Continuous, TC =25°C
1.5
A
ID
Drain Current-Continuous, TC =100°C
0.84
A
IDM
Drain Current-Pulsed
b
5.6
A
PD
Maximum Power Dissipation @ TJ =25°C
39
W
EAS
Single Pulsed Avalanche Energy
10.62
mJ
TJ, TSTG
Operating and Store Temperature Range
-55 to 150
°C
Thermal Characteristics
Electrical Characteristics( T
J = 25°C unless otherwise noted)
▊ Off Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0V, ID = 250µA
650
-
-
V
IDSS
Zero Gate Voltage Drain
Current
VDS = 650V, VGS = 0V
-
-
20
µA
IGSSF
Forward Gate Body
LeakageCurrent
VDS = 0V, VGS = 30V
-
-
100
nA
IGSSR
Reverse Gate Body
Leakage Current
VDS = 0V, VGS = -30V
-
-
-100
nA
Symbol
Parameter
Value
Unit
RθJC
ThermalResistance,Junction-CaseMax.
3.2
°C/W


Similar Part No. - EC742N65EA3T

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC742314 E-CMOS-EC742314 Datasheet
173Kb / 5P
   20V N-Channel MOSFETs
More results

Similar Description - EC742N65EA3T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com