Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9625BBPZRL-2.0 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9625BBPZRL-2.0
Description  1.3 V/2.5 V Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625BBPZRL-2.0 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9625BBPZRL-2.0 Datasheet HTML 4Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 5Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 6Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 7Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 8Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 9Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 10Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 11Page - Analog Devices AD9625BBPZRL-2.0 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
AD9625
Data Sheet
Rev. C | Page 6 of 72
DIGITAL SPECIFICATIONS
AVDD1 = DVDD1 = DRVDD1 = 1.3 V, AVDD2 = DVDD2 = DRVDD2 = 2.5 V, specified maximum sampling rate, 1.2 V internal
reference, AIN = −1.0 dBFS, default SPI settings, unless otherwise noted.
Table 3.
Parameter
Temperature1
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Differential Input Voltage
Full
500
1800
mV p-p
Common-Mode Input Voltage
Full
0.88
V
Input Resistance (Differential)
Full
40
Input Capacitance
Full
1.5
pF
SYSREF INPUTS (SYSREF+, SYSREF−)
Differential Input Voltage
Full
500
1800
mV p-p
Common-Mode Input Voltage
Full
0.88
V
Input Resistance (Differential)
Full
40
Input Capacitance
Full
1.5
pF
LOGIC INPUTS (SDIO, SCLK, CSB)
Logic Compliance
CMOS
Voltage
Logic 1
Full
0.8 × SPI_DVDDIO
V
Logic 0
Full
0.5
V
Input Resistance
Full
30
Input Capacitance
Full
0.5
pF
SYNCB+/SYNCB− INPUT
Logic Compliance
Full
LVDS
Input Voltage
Differential
Full
250
1200
mV p-p
Common Mode
Full
1.2
V
Input Resistance (Differential)
Full
100
Ω
Input Capacitance
Full
2.5
pF
LOGIC OUTPUT (SDIO)
Logic Compliance
CMOS
Voltage
Logic 1 (IOH = 800 μA)
Full
0.8 × SPI_VDDIO
V
Logic 0 (IOL = 50 μA)
Full
0.3
V
DIGITAL OUTPUTS (SERDOUT[x]±)
Compliance
Full
CML
Output Voltage
Differential
Full
360
700
800
mV p-p
Offset
Full
DRVDD/2
mV p-p
Differential Return Loss (RLDIFF)2
25°C
8
dB
Common-Mode Return Loss (RLCM)
25°C
6
dB
Differential Termination Impedance
25°C
100
Ω
RESET (RSTB)
Voltage
Logic 1
Full
0.8 × DVDDIO
V
Logic 0
Full
0.5
V
Input Resistance (Differential)
Full
20
Input Capacitance
Full
2.5
pF
FAST DETECT (FD), PWDN, AND INTERRUPT (IRQ)
Logic Compliance
CMOS
Voltage
Logic 1
Full
0.8 × DVDDIO
V
Logic 0
Full
0.5
V
Input Resistance (Differential)
Full
20
Input Capacitance
Full
2.5
pF
1 Full temperature range is −40°C to +85°C measured at the case (TC).
2 Differential and common-mode return loss measured from 100 MHz to 0.75 × baud rate.


Similar Part No. - AD9625BBPZRL-2.0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625BBPZRL-2.0 AD-AD9625BBPZRL-2.0 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9625BBPZRL-2.0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com